Electronic Components Datasheet Search
  English  ▼

X  

PI33XX Datasheet(PDF) 39 Page - Vicor Corporation

Part # PI33XX
Description  8V to 36Vin Cool-Power ZVS B uck Regulator Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI33XX Datasheet(HTML) 39 Page - Vicor Corporation

Back Button PI33XX Datasheet HTML 34Page - Vicor Corporation PI33XX Datasheet HTML 35Page - Vicor Corporation PI33XX Datasheet HTML 36Page - Vicor Corporation PI33XX Datasheet HTML 37Page - Vicor Corporation PI33XX Datasheet HTML 38Page - Vicor Corporation PI33XX Datasheet HTML 39Page - Vicor Corporation PI33XX Datasheet HTML 40Page - Vicor Corporation PI33XX Datasheet HTML 41Page - Vicor Corporation PI33XX Datasheet HTML 42Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
vicorpower.com
Rev 1.4
Cool-Power
®
800 735.6200
11/2012
Page 39 of 42
PI33XX-X0
Layout Guidelines
To optimize maximum efficiency and low noise
performance
from
a
PI33XX
design,
layout
considerations
are
necessary.
Reducing
trace
resistance and minimizing high current loop returns
along with proper component placement will
contribute to optimized performance.
A typical buck converter circuit is shown in Figure 9.
The potential areas of high parasitic inductance and
resistance are the circuit return paths, shown as LR
below.
Figure 9 - Typical Buck Converter
The path between the COUT and CIN capacitors is of
particular importance since the AC currents are
flowing through both of them when Q1 is turned on.
Figure 10, schematically, shows the reduced trace
length between input and output capacitors. The
shorter path lessens the effects that copper trace
parasitics can have on the PI33XX performance.
When Q1 is on and Q2 is off, the majority of CIN’s
current is used to satisfy the output load and to
recharge the COUT capacitors. When Q1 is off and
Q2 is on, the load current is supplied by the inductor
and the COUT capacitor as shown in Figure 11.
During this period CIN is also being recharged by the
VIN. Minimizing CIN loop inductance is important to
reduce peak voltage excursions when Q1 turns off.
Also, the difference in area between the CIN loop
and COUT loop is vital to minimize switching and
GND noise.
Figure 11 - Current flow: Q2 closed
The recommended component placement, shown in
Figure 12, illustrates the tight path between CIN and
COUT (and VIN and VOUT) for the high AC return
current. This optimized layout is used on the PI33XX
evaluation board.
Figure 12 - Recommended component
placement and metal routing
Figure 10 - Current flow: Q1 closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com