Electronic Components Datasheet Search
  English  ▼

X  

AD8108AST Datasheet(PDF) 17 Page - Analog Devices

Part # AD8108AST
Description  325 MHz, 8 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108AST Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8108AST Datasheet HTML 13Page - Analog Devices AD8108AST Datasheet HTML 14Page - Analog Devices AD8108AST Datasheet HTML 15Page - Analog Devices AD8108AST Datasheet HTML 16Page - Analog Devices AD8108AST Datasheet HTML 17Page - Analog Devices AD8108AST Datasheet HTML 18Page - Analog Devices AD8108AST Datasheet HTML 19Page - Analog Devices AD8108AST Datasheet HTML 20Page - Analog Devices AD8108AST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8108/AD8109
–17–
REV. 0
8 INPUTS
IN 00–07
AD8108
OR
AD8109
ONE
TERMINATION
PER INPUT
8
8
8
8
8
16 OUTPUTS
OUT 00–15
AD8108
OR
AD8109
Figure 42. 8
× 16 Crosspoint Array Using Two AD8108s
(Unity Gain) or Two AD8109s (Gain-of-Two)
Figure 43 illustrates a 16
× 16 crosspoint array, while a 24 × 24
crosspoint is illustrated in Figure 44. The 16
× 16 crosspoint
requires that each input driver drive two inputs in parallel and
each output be wire-ORed with one other output. The 24
× 24
crosspoint requires driving three inputs in parallel and having
the outputs wire-ORed in groups of three. It is required of the
system programming that only one output of a wired-OR node
be active at a time.
IN 00–07
8
8
8
8
OUT 00–07
8
8
OUT 08–15
00–07
RTERM
08–15
RTERM
8
8
IN 08–15
8 8
8 8
8 8
8 8
Figure 43. 16
× 16 Crosspoint Array Using Four
AD8108s or AD8109s
IN 00–07
8
8
8
8
IN 08–15
8
8
8
8
IN 16–23
8
RTERM
8
RTERM
8
RTERM
8
OUT 16–23
OUT 08–15
OUT 00–07
8 8
8 8
8 8
8 8
8 8
8 8
8 8
8 8
8
8
8
8 8
Figure 44. 24
× 24 Crosspoint Array Using Nine AD8108s
or AD8109s
At some point, the number of outputs that are wire-ORed be-
comes too great to maintain system performance. This will vary
according to which system specifications are most important.
For example, a 64
× 8 crosspoint can be created with eight
AD8108/AD8109s. This design will have 64 separate inputs and
have the corresponding outputs of each device wire-ORed to-
gether in groups of eight.
Using additional crosspoint devices in the design can lower the
number of outputs that have to be wire-ORed together. Figure
45 shows a block diagram of a system using eight AD8108s and
two AD8109s to create a nonblocking, gain-of-two, 64
× 8 cross-
point that restricts the wire-ORing at the output to only four
outputs. The rank 1 wire-ORed devices are the AD8108,
which has a higher disabled output impedance than the AD8109.
IN 00–07
8
4
4
IN 08–15
IN 16–23
IN 24–31
IN 32–39
IN 40–47
IN 48–55
IN 56–63
4
1k
4
1k
4
1k
4
1k
RANK 2
16:8 NONBLOCKING
16:16 BLOCKING
OUT 00–07
NONBLOCKING
ADDITIONAL
8 OUTPUTS
(SUBJECT TO
BLOCKING)
RANK 1
(64:16)
4
4
8
8
4
4
8
8
8
8
8
4
4
4
4
4
4
4
4
4
4
4
4
4
4
AD8109
AD8109
AD8108
AD8108
AD8108
AD8108
AD8108
AD8108
AD8108
AD8108
Figure 45. Nonblocking 64
× 8 Array with Gain-of-Two
(64
× 16 Blocking)
Additionally, by using the lower four outputs from each of the
two Rank 2 AD8109s, a blocking 64
× 16 crosspoint array can
be realized. There are, however, some drawbacks to this tech-
nique. The offset voltages of the various cascaded devices will
accumulate and the bandwidth limitations of the devices will
compound. In addition, the extra devices will consume more
current and take up more board space. Once again, the overall
system design specifications will determine how to make the
various tradeoffs.
Multichannel Video
The excellent video specifications of the AD8108/AD8109 make
them ideal candidates for creating composite video crosspoint
switches. These can be made quite dense by taking advantage
of the AD8108/AD8109’s high level of integration and the fact
that composite video requires only one crosspoint channel per
system video channel. There are, however, other video formats
that can be routed with the AD8108/AD8109 requiring more
than one crosspoint channel per video channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com