Electronic Components Datasheet Search
  English  ▼

X  

AD8110 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8110
Description  260 MHz, 16 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8110 Datasheet HTML 7Page - Analog Devices AD8110 Datasheet HTML 8Page - Analog Devices AD8110 Datasheet HTML 9Page - Analog Devices AD8110 Datasheet HTML 10Page - Analog Devices AD8110 Datasheet HTML 11Page - Analog Devices AD8110 Datasheet HTML 12Page - Analog Devices AD8110 Datasheet HTML 13Page - Analog Devices AD8110 Datasheet HTML 14Page - Analog Devices AD8110 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8110/AD8111
–11–
REV. 0
FREQUENCY
Hz
30
40
10k
100k
10M
1M
50
60
70
80
90
RL = 150
Figure 18. AD8110 PSRR vs. Frequency
FREQUENCY
Hz
100
56.3
10
1k
10M
100k
31.6
17.8
10
5.63
3.16
100
10k
1M
Figure 19. AD8110 Voltage Noise vs. Frequency
FREQUENCY
MHz
1M
0.1
1
500
10
100k
10k
1k
100
100
Figure 20. AD8110 Output Impedance, Disabled
UPDATE INPUT
TYPICAL VIDEO OUT (RTO)
5
4
3
2
1
0
10
–10
0
50ns/DIV
SWITCHING BETWEEN
TWO INPUTS
Figure 21. AD8110 Switching Transient (Glitch)
FREQUENCY – Hz
100k
1M
500M
10M
100M
VIN = 2V p-p
RL = 150
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 22. AD8110 Off Isolation, Input-Output
10,000
1000
100
10
1
0.1
FREQUENCY – Hz
100k
1M
500M
10M
100M
Figure 23. AD8110 Output Impedance, Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com