Electronic Components Datasheet Search
  English  ▼

X  

AD8110 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8110
Description  260 MHz, 16 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8110 Datasheet HTML 20Page - Analog Devices AD8110 Datasheet HTML 21Page - Analog Devices AD8110 Datasheet HTML 22Page - Analog Devices AD8110 Datasheet HTML 23Page - Analog Devices AD8110 Datasheet HTML 24Page - Analog Devices AD8110 Datasheet HTML 25Page - Analog Devices AD8110 Datasheet HTML 26Page - Analog Devices AD8110 Datasheet HTML 27Page - Analog Devices AD8110 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8110/AD8111
–25–
REV. 0
w = 0.008"
(0.2mm)
a = 0.008"
(0.2mm)
b = 0.024"
(0.6mm)
h = 0.011325"
(0.288mm)
t = 0.00135" (0.0343mm)
TOP LAYER
SIGNAL LAYER
POWER LAYER
BOTTOM LAYER
Figure 50. Cross Section of Input and Output Traces
The board has 24 BNC type connectors: 16 inputs and 8 out-
puts. The connectors are arranged in a crescent around the
device. As can be seen from Figure 47, this results in all 16
input signal traces and all eight signal output traces having the
same length. This is useful in tests such as All-Hostile Crosstalk
where the phase relationship and delay between signals needs to
be maintained from input to output.
The three power supply pins AVCC, DVCC and AVEE should
be connected to good quality, low noise,
±5 V supplies. Where
the same
±5 V power supplies are used for analog and digital,
separate cables should be run for the power supply to the evalu-
ation board’s analog and digital power supply pins.
As a general rule, each power supply pin (or group of adja-
cent power supply pins) should be locally decoupled with a
0.01
µF capacitor. If there is a space constraint, it is more
important to decouple analog power supply pins before
digital power supply pins. A 0.1
µF capacitor, located rea-
sonably close to the pins, can be used to decouple a number
of power supply pins. Finally a 10
µF capacitor should be
used to decouple power supplies as they come on to the
board.
Controlling the Evaluation Board from a PC
The evaluation board include Windows-based control soft-
ware and a custom cable that connects the board’s digital
interface to the printer port of the PC. The wiring of this
cable is shown in Figure 51. The software requires Win-
dows 3.1 or later to operate. To install the software, insert
the disk labeled “Disk #1 of 2” in the PC and run the file
called SETUP.EXE. Additional installation instructions
will be given on-screen. Before beginning installation, it is
important to terminate any other Windows applications that
are running.
When you launch the crosspoint control software, you will
be asked to select the printer port you are using. Most
modern PCs have only one printer port, usually called
LPT1. However some laptop computers use the PRN port.
RESET
CLK
DATA IN
DGND
CE
UPDATE
MOLEX 0.100" CENTER
CRIMP TERMINAL HOUSING
1
6
D-SUB 25 PIN (MALE)
14
1
25
13
EVALUATION BOARD
PC
2
3
4
5
6
25
3
1
4
5
2
6
SIGNAL
CE
RESET
UPDATE
DATA IN
CLK
DGND
MOLEX
TERMINAL HOUSING
D-SUB-25
Figure 51. Evaluation Board-PC Connection Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com