Electronic Components Datasheet Search
  English  ▼

X  

AD8109AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD8109AST
Description  325 MHz, 8 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8109AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8109AST Datasheet HTML 6Page - Analog Devices AD8109AST Datasheet HTML 7Page - Analog Devices AD8109AST Datasheet HTML 8Page - Analog Devices AD8109AST Datasheet HTML 9Page - Analog Devices AD8109AST Datasheet HTML 10Page - Analog Devices AD8109AST Datasheet HTML 11Page - Analog Devices AD8109AST Datasheet HTML 12Page - Analog Devices AD8109AST Datasheet HTML 13Page - Analog Devices AD8109AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8108/AD8109
–10–
REV. 0
FREQUENCY – Hz
4
3
100k
1M
1G
10M
100M
2
1
–3
0
–1
–2
0.4
0.3
0.2
–0.2
0.1
0
–0.1
–0.3
FLATNESS
GAIN
2V p-p
200mV p-p
2V p-p
5
–0.4
Figure 12. AD8109 Frequency Response
FREQUENCY – Hz
300k
1M
10M
100M
–20
–30
ADJACENT
–40
–50
–90
–60
–70
–80
–100
–110
RL = 1k
ALL HOSTILE
200M
Figure 13. AD8109 Crosstalk vs. Frequency
FREQUENCY – Hz
100k
1M
10M
100M
–30
–40
–50
–60
–70
–80
–90
–100
2ND HARMONIC
3RD HARMONIC
RL = 150
VOUT = 2V p-p
Figure 14. AD8109 Distortion vs. Frequency
+50mV
+25mV
0
–25mV
–50mV
10ns/DIV
Figure 15. AD8109 Step Response, 100 mV Step
0
+1.0V
+0.5V
–0.5V
–1.0V
10ns/DIV
Figure 16. AD8109 Step Response, 2 V Step
2V STEP RTO
RL = 150
10ns/DIV
0
20
406080
0
0.1
0.2
–0.1
–0.2
Figure 17. AD8109 Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com