Electronic Components Datasheet Search
  English  ▼

X  

AD8109AST Datasheet(PDF) 26 Page - Analog Devices

Part # AD8109AST
Description  325 MHz, 8 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8109AST Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8109AST Datasheet HTML 20Page - Analog Devices AD8109AST Datasheet HTML 21Page - Analog Devices AD8109AST Datasheet HTML 22Page - Analog Devices AD8109AST Datasheet HTML 23Page - Analog Devices AD8109AST Datasheet HTML 24Page - Analog Devices AD8109AST Datasheet HTML 25Page - Analog Devices AD8109AST Datasheet HTML 26Page - Analog Devices AD8109AST Datasheet HTML 27Page - Analog Devices AD8109AST Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD8108/AD8109
–26–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
80-Lead Plastic TQFP
(ST-80A)
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.020 (0.50)
0.003 (0.08)
MAX
0.057 (1.45)
0.053 (1.35)
0.006 (0.15)
0.002 (0.05)
0.011 (0.27)
0.007 (0.17)
0.559 (14.20)
0.543 (13.80)
0.476 (12.10)
0.469 (11.90)
TOP VIEW
(PINS DOWN)
1
20
21
41
40
60
61
80
0.020 (0.50)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com