Electronic Components Datasheet Search
  English  ▼

X  

AD8111 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8111
Description  260 MHz, 16 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8111 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8111 Datasheet HTML 3Page - Analog Devices AD8111 Datasheet HTML 4Page - Analog Devices AD8111 Datasheet HTML 5Page - Analog Devices AD8111 Datasheet HTML 6Page - Analog Devices AD8111 Datasheet HTML 7Page - Analog Devices AD8111 Datasheet HTML 8Page - Analog Devices AD8111 Datasheet HTML 9Page - Analog Devices AD8111 Datasheet HTML 10Page - Analog Devices AD8111 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8110/AD8111
–7–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin Name
Pin Numbers
Pin Description
INxx
66, 68, 70, 72, 74, 76, 78,
Analog Inputs; xx = Channel Numbers 00 Through 15.
1, 3, 5, 7, 9, 11, 13, 15, 64
DATA IN
57
Serial Data Input, TTL Compatible.
CLK
58
Clock, TTL Compatible. Falling Edge Triggered.
DATA OUT
59
Serial Data Out, TTL Compatible.
UPDATE
56
Enable (Transparent) “Low.” Allows serial register to connect directly to switch
matrix. Data latched when “High.”
RESET
61
Disable Outputs, Active “Low.”
CE
60
Chip Enable, Enable “Low.” Must be “low” to clock in and latch data.
SER/PAR
55
Selects Serial Data Mode, “Low” or Parallel Data Mode, “High.” Must be connected.
OUTyy
41, 38, 35, 32, 29, 26, 23, 20
Analog Outputs yy = Channel Numbers 00 Through 07.
AGND
2, 4, 6, 8, 10, 12, 14, 16, 46
Analog Ground for Inputs and Switch Matrix.
65, 67, 69, 71, 73, 75, 77
DVCC
63, 79
+5 V for Digital Circuitry.
DGND
62, 80
Ground for Digital Circuitry.
AVEE
17, 45
–5 V for Inputs and Switch Matrix.
AVCC
18, 44
+5 V for Inputs and Switch Matrix.
AGNDxx
42, 39, 36, 33, 30, 27, 24, 21
Ground for Output Amp, xx = Output Channel Numbers 00 Through 07. Must be connected.
AVCCxx/yy
43, 37, 31, 25, 22, 19
+5 V for Output Amplifier that is shared by Channel Numbers xx and yy. Must be connected.
AVEExx/yy
40, 34, 28, 22
–5 V for Output Amplifier that is shared by Channel Numbers xx and yy. Must be connected.
A0
54
Parallel Data Input, TTL Compatible (Output Select LSB).
A1
53
Parallel Data Input, TTL Compatible (Output Select).
A2
52
Parallel Data Input, TTL Compatible (Output Select MSB).
D0
51
Parallel Data Input, TTL Compatible (Input Select LSB).
D1
50
Parallel Data Input, TTL Compatible (Input Select).
D2
49
Parallel Data Input, TTL Compatible (Input Select).
D3
48
Parallel Data Input, TTL Compatible (Input Select MSB).
D4
47
Parallel Data Input, TTL Compatible (Output Enable).
ESD
ESD
INPUT
VCC
AVEE
ESD
ESD
OUTPUT
VCC
AVEE
1k
(AD8111 ONLY)
ESD
ESD
RESET
VCC
20k
DGND
ESD
ESD
INPUT
VCC
DGND
ESD
ESD
OUTPUT
VCC
2k
DGND
d. Logic Input
e. Logic Output
Figure 5. I/O Schematics
a. Analog Input
c. Reset Input
b. Analog Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com