Electronic Components Datasheet Search
  English  ▼

X  

AD8111 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8111
Description  260 MHz, 16 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8111 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8111 Datasheet HTML 15Page - Analog Devices AD8111 Datasheet HTML 16Page - Analog Devices AD8111 Datasheet HTML 17Page - Analog Devices AD8111 Datasheet HTML 18Page - Analog Devices AD8111 Datasheet HTML 19Page - Analog Devices AD8111 Datasheet HTML 20Page - Analog Devices AD8111 Datasheet HTML 21Page - Analog Devices AD8111 Datasheet HTML 22Page - Analog Devices AD8111 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8110/AD8111
–19–
REV. 0
Measuring Crosstalk
Crosstalk is measured by applying a signal to one or more chan-
nels and measuring the relative strength of that signal on a de-
sired selected channel. The measurement is usually expressed as
dB down from the magnitude of the test signal. The crosstalk is
expressed by:
|XT| = 20 log10 (Asel(s)/Atest(s))
where s = j
ω is the Laplace transform variable, Asel(s) is the
amplitude of the crosstalk-induced signal in the selected channel
and Atest(s) is the amplitude of the test signal. It can be seen
that crosstalk is a function of frequency, but not a function of
the magnitude of the test signal (to first order). In addition, the
crosstalk signal will have a phase relative to the test signal asso-
ciated with it.
A network analyzer is most commonly used to measure crosstalk
over a frequency range of interest. It can provide both magni-
tude and phase information about the crosstalk signal.
As a crosspoint system or device grows larger, the number of
theoretical crosstalk combinations and permutations can be-
come extremely large. For example, in the case of the 16
× 8
matrix of the AD8110/AD8111, we can examine the number of
crosstalk terms that can be considered for a single channel, say
IN00 input. IN00 is programmed to connect to one of the
AD8110/AD8111 outputs where the measurement can be made.
We can first measure the crosstalk terms associated with driving
a test signal into each of the other 15 inputs one at a time. We
can then measure the crosstalk terms associated with driving a
parallel test signal into all 15 other inputs taken two at a time in
all possible combinations; and then three at a time, etc., until,
finally, there is only one way to drive a test signal into all 15
other inputs.
Each of these cases is legitimately different from the others and
might yield a unique value depending on the resolution of the
measurement system, but it is hardly practical to measure all
these terms and then to specify them. In addition, this describes
the crosstalk matrix for just one input channel. A similar crosstalk
matrix can be proposed for every other input. In addition, if the
possible combinations and permutations for connecting inputs
to the other (not used for measurement) outputs are taken into
consideration, the numbers rather quickly grow to astronomical
proportions. If a larger crosspoint array of multiple AD8110/
AD8111s is constructed, the numbers grow larger still.
Obviously, some subset of all these cases must be selected to be
used as a guide for a practical measure of crosstalk. One com-
mon method is to measure “all hostile” crosstalk. This term
means that the crosstalk to the selected channel is measured,
while all other system channels are driven in parallel. In general,
this will yield the worst crosstalk number, but this is not always
the case due to the vector nature of the crosstalk signal.
Other useful crosstalk measurements are those created by one
nearest neighbor or by the two nearest neighbors on either side.
These crosstalk measurements will generally be higher than
those of more distant channels, so they can serve as a worst case
measure for any other one-channel or two-channel crosstalk
measurements.
Input and Output Crosstalk
The flexible programming capability of the AD8110/AD8111
can be used to diagnose whether crosstalk is occurring more on
the input side or the output side. Some examples are illustra-
tive. A given input channel (IN07 in the middle for this ex-
ample) can be programmed to drive OUT03. The input to IN07
is just terminated to ground (via 50 or 75
Ω) and no signal is
applied.
All the other inputs are driven in parallel with the same test
signal (practically provided by a distribution amplifier), with all
other outputs except OUT03 disabled. Since grounded IN07 is
programmed to drive OUT03, there should be no signal present.
Any signal that is present can be attributed to the other 15 hos-
tile input signals, because no other outputs are driven (they are
all disabled). Thus, this method measures the all-hostile input
contribution to crosstalk into IN07. Of course, the method can
be used for other input channels and combinations of hostile
inputs.
For output crosstalk measurement, a single input channel
(IN00 for example) is driven and all outputs other than a
given output (IN03 in the middle) are programmed to
connect to IN00. OUT03 is programmed to connect to IN15
(far away from IN00), which is terminated to ground. Thus
OUT03 should not have a signal present since it is listening to a
quiet input. Any signal measured at the OUT03 can be attrib-
uted to the output crosstalk of the other seven hostile outputs.
Again, this method can be modified to measure other channels
and other crosspoint matrix combinations.
Effect of Impedances on Crosstalk
The input side crosstalk can be influenced by the output imped-
ance of the sources that drive the inputs. The lower the im-
pedance of the drive source, the lower the magnitude of the
crosstalk. The dominant crosstalk mechanism on the input side
is capacitive coupling. The high impedance inputs do not have
significant current flow to create magnetically induced crosstalk.
However, significant current can flow through the input termi-
nation resistors and the loops that drive them. Thus, the PC
board on the input side can contribute to magnetically coupled
crosstalk.
From a circuit standpoint, the input crosstalk mechanism looks
like a capacitor coupling to a resistive load. For low frequencies
the magnitude of the crosstalk will be given by:
|XT| = 20 log10 [(RS CM)
× s]
where RS is the source resistance, CM is the mutual capacitance
between the test signal circuit and the selected circuit, and s is
the Laplace transform variable.
From the equation it can be observed that this crosstalk mecha-
nism has a high pass nature; it can also be minimized by reduc-
ing the coupling capacitance of the input circuits and lowering
the output impedance of the drivers. If the input is driven from
a 75
Ω terminated cable, the input crosstalk can be reduced by
buffering this signal with a low output impedance buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com