Electronic Components Datasheet Search
  English  ▼

X  

AD8032A Datasheet(PDF) 6 Page - Analog Devices

Part # AD8032A
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032A Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8032A Datasheet HTML 2Page - Analog Devices AD8032A Datasheet HTML 3Page - Analog Devices AD8032A Datasheet HTML 4Page - Analog Devices AD8032A Datasheet HTML 5Page - Analog Devices AD8032A Datasheet HTML 6Page - Analog Devices AD8032A Datasheet HTML 7Page - Analog Devices AD8032A Datasheet HTML 8Page - Analog Devices AD8032A Datasheet HTML 9Page - Analog Devices AD8032A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8031/AD8032–Typical Performance Characteristics
–6–
REV. B
VOS – mV
–5
–4
–3
–2
–1
0
1
2
3
4
5
90
80
0
40
30
20
10
60
50
70
N = 250
Figure 3. Typical VOS Distribution @ VS = 5 V
TEMPERATURE – C
2.5
2.3
1.5
–40
90
–30 –20 –10
0
10
20
30
4050
6070
80
2.1
1.9
1.7
VS = +5V
VS = 5V
Figure 4. Input Offset Voltage vs. Temperature
TEMPERATURE – C
1
0.65
0.5
–40
90
–30 –20 –10
0
1020
3040
50
60
70
80
0.95
0.7
0.6
0.55
0.85
0.75
0.9
0.8
VS = +5V
Figure 5. Input Bias Current vs. Temperature
COMMON-MODE VOLTAGE – V
800
–800
010
1
23
45
67
89
VS = +2.7V
600
400
200
0
–200
–400
–600
VS = +5V
VS = +10V
Figure 6. Input Bias Current vs. Common-Mode Voltage
COMMON-MODE VOLTAGE – V
0
–0.3
–0.6
05
0.5
1
1.5
2
2.5
3
3.5
4
4.5
–0.1
–0.2
–0.4
–0.5
VS = +5V
Figure 7. VOS vs. Common-Mode Voltage
TEMPERATURE – C
1000
750
600
–40
90
–30 –20 –10
0
10
20
30
40
50
60
70
80
950
800
700
650
900
850
IS, VS = 5V
+IS, VS = +5V
+IS, VS = +2.7V
Figure 8. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com