Electronic Components Datasheet Search
  English  ▼

X  

AD8032A Datasheet(PDF) 9 Page - Analog Devices

Part # AD8032A
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8032A Datasheet HTML 5Page - Analog Devices AD8032A Datasheet HTML 6Page - Analog Devices AD8032A Datasheet HTML 7Page - Analog Devices AD8032A Datasheet HTML 8Page - Analog Devices AD8032A Datasheet HTML 9Page - Analog Devices AD8032A Datasheet HTML 10Page - Analog Devices AD8032A Datasheet HTML 11Page - Analog Devices AD8032A Datasheet HTML 12Page - Analog Devices AD8032A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8031/AD8032
–9–
REV. B
FREQUENCY – MHz
0.1
100
110
5
4
–5
3
2
1
0
–1
–2
–3
–4
VS = +5V
G = +1
RL = 1k
Figure 21. Unity Gain , –3 dB Bandwidth
FREQUENCY – MHz
0.1
100
110
–5
3
2
1
0
–1
–2
–3
–4
VS = +5V
VIN = –16dBm
+85 C
–40 C
+25 C
VS
VIN
VOUT
50
2k
Figure 22. Closed-Loop Gain vs. Temperature
FREQUENCY – Hz
100k
100M
1M
10M
–8
2
1
0
–1
–4
–5
–6
–7
VS = 5V
–2
–3
G = +1
CL = 5pF
RL = 1k
VS = +2.7V
RL + CL TO 1.35V
VS = +5V
RL + CL
TO 2.5V
Figure 23. Closed-Loop Gain vs. Supply Voltage
FREQUENCY – MHz
0.3
100
110
–20
30
20
10
0
–10
40
–90
–135
–180
–225
PHASE
GAIN
Figure 24. Open-Loop Frequency Response
FUNDAMENTAL FREQUENCY – Hz
1k
10M
100k
1M
–80
–20
–30
–40
–50
–60
–70
2.5V p-p
VS = +2.7V
10k
G = +1, RL = 2k
TO
VCC
2
4.8V p-p
VS = +5V
2V p-p
VS = +2.7V
1.3V p-p
VS = +2.7V
Figure 25. Total Harmonic Distortion vs. Frequency; G = +1
FUNDAMENTAL FREQUENCY – Hz
1k
10M
100k
1M
–80
–20
–30
–40
–50
–60
–70
4.6V p-p
10k
4V p-p
G = +2
VS = +5V
RL = 1k
TO
VCC
2
–90
1V p-p
4.8V p-p
Figure 26. Total Harmonic Distortion vs. Frequency; G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com