Electronic Components Datasheet Search
  English  ▼

X  

AD8115-EB Datasheet(PDF) 20 Page - Analog Devices

Part # AD8115-EB
Description  Low Cost 225 MHz 16 X 16 Crosspoint Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115-EB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8115-EB Datasheet HTML 16Page - Analog Devices AD8115-EB Datasheet HTML 17Page - Analog Devices AD8115-EB Datasheet HTML 18Page - Analog Devices AD8115-EB Datasheet HTML 19Page - Analog Devices AD8115-EB Datasheet HTML 20Page - Analog Devices AD8115-EB Datasheet HTML 21Page - Analog Devices AD8115-EB Datasheet HTML 22Page - Analog Devices AD8115-EB Datasheet HTML 23Page - Analog Devices AD8115-EB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AD8114/AD8115
–20–
REV. 0
57,59
58
75
INPUT 00
INPUT 00
AGND
75
54
0.01 F
61
60
75
INPUT 01
INPUT 01
AGND
63
62
75
INPUT 02
INPUT 02
AGND
65
64
75
INPUT 03
INPUT 03
AGND
67
66
75
INPUT 04
INPUT 04
AGND
69
68
75
INPUT 05
INPUT 05
AGND
71
70
75
INPUT 06
INPUT 06
AGND
72
75
INPUT 07
INPUT 07
5
4
75
INPUT 08
INPUT 08
AGND
7
6
75
INPUT 09
INPUT 09
AGND
9
8
75
INPUT 10
INPUT 10
AGND
11
10
75
INPUT 11
INPUT 11
AGND
13
12
75
INPUT 12
INPUT 12
AGND
15
14
75
INPUT 13
INPUT 13
AGND
17
16
75
INPUT 14
INPUT 14
AGND
19
18
75
INPUT 15
INPUT 15
AGND
98
DATA OUT
96
DATA IN
P2-5
P2-4
P2-2
P2-3
P2-1
P2-6
2,74 100
99
97
95 84
83
82 81 80 79 78 77 76
SERIAL MODE
JUMP
R33
20k
DVCC
OUTPUT 00
0.01 F
20, 56
AVEE
AVEE
0.01 F
21, 55
AVCC
AVCC
0.01 F
1, 75
DVCC
AD8114/
AD8115
DVCC DGND
NC
AVEE AGND AVCC
NC
P1-1
+
+
+
P1-2
P1-3
P1-4
P1-5
P1-6
P1-7
0.1 F10 F
0.1 F10 F
0.1 F10 F
JUMPER
3,73
AGND
R
R
R
NOTE
R = OPTIONAL 50
TERMINATOR RESISTORS
C = OPTIONAL SMOOTHING CAPACITOR
R
RC
R
R
R
R
R
R
R
R
R
R
R
94
NO CONNECT:
85-93
AVCC
AVCC
OUTPUT 00
53
75
52
0.01 F
OUTPUT 01
AVEE
AVEE
OUTPUT 01
51
75
50
0.01 F
OUTPUT 02
AVCC
AVCC
OUTPUT 02
49
75
48
0.01 F
OUTPUT 03
AVEE
AVEE
OUTPUT 03
47
75
46
0.01 F
OUTPUT 04
AVCC
AVCC
OUTPUT 04
45
75
44
0.01 F
OUTPUT 05
AVEE
AVEE
OUTPUT 05
43
75
42
0.01 F
OUTPUT 06
AVCC
AVCC
OUTPUT 06
41
75
40
0.01 F
OUTPUT 07
AVEE
AVEE
OUTPUT 07
39
75
38
0.01 F
OUTPUT 08
AVCC
AVCC
OUTPUT 08
37
75
36
0.01 F
OUTPUT 09
AVEE
AVEE
OUTPUT 09
35
75
34
0.01 F
OUTPUT 10
AVCC
AVCC
OUTPUT 10
33
75
32
0.01 F
OUTPUT 11
AVEE
AVEE
OUTPUT 11
31
75
30
0.01 F
OUTPUT 12
AVCC
AVCC
OUTPUT 12
29
75
28
0.01 F
OUTPUT 13
AVEE
AVEE
OUTPUT 13
27
75
26
0.01 F
OUTPUT 14
AVCC
AVCC
OUTPUT 14
25
75
24
0.01 F
OUTPUT 15
AVEE
AVEE
OUTPUT 15
23
22
AVCC
DVCC
Figure 44. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com