Electronic Components Datasheet Search
  English  ▼

X  

AD8115-EB Datasheet(PDF) 25 Page - Analog Devices

Part # AD8115-EB
Description  Low Cost 225 MHz 16 X 16 Crosspoint Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115-EB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8115-EB Datasheet HTML 18Page - Analog Devices AD8115-EB Datasheet HTML 19Page - Analog Devices AD8115-EB Datasheet HTML 20Page - Analog Devices AD8115-EB Datasheet HTML 21Page - Analog Devices AD8115-EB Datasheet HTML 22Page - Analog Devices AD8115-EB Datasheet HTML 23Page - Analog Devices AD8115-EB Datasheet HTML 24Page - Analog Devices AD8115-EB Datasheet HTML 25Page - Analog Devices AD8115-EB Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
AD8114/AD8115
–25–
REV. 0
Controlling the Evaluation Board from a PC
The evaluation board includes Windows
®-based control soft-
ware and a custom cable that connects the board’s digital inter-
face to the printer port of the PC. The wiring of this cable is
shown in Figure 52. The software requires Windows 3.1 or later
to operate. To install the software, insert the disk labeled “Disk
#1 of 2” in the PC and run the file called SETUP.EXE. Addi-
tional installation instructions will be given on-screen. Before
beginning installation, it is important to terminate any other
Windows applications that are running.
When you launch the crosspoint control software, you will be
asked to select the printer port you are using. Most modern PCs
have only one printer port, usually called LPT1. However some
laptop computers use the PRN port.
Figure 53 shows the main screen of the control software in its
initial reset state (all outputs off). Using the mouse, any input
can be connected with one or more outputs by simply clicking
on the appropriate radio buttons in the 16
× 16 on-screen array.
Each time a button is clicked on, the software automatically
sends and latches the required 80-bit data stream to the evalua-
tion board. An output can be turned off by clicking the appro-
priate button in the Off column. To turn off all outputs, click on
RESET.
While the computer software only supports serial programming
via a PC’s parallel port and the provided cable, the evaluation
board has a connector that can be used for parallel program-
ming. The SER/PAR signal should be at a logic high to use
parallel programming. There is no cable nor software provided
with the evaluation board for parallel programming. These are
left to the user to provide.
The software offers volatile and nonvolatile storage of configura-
tions. For volatile storage, up to two configurations can be stored
and recalled using the Memory 1 and Memory 2 Buffers. These
function in a fashion identical to the memory on a pocket calcu-
lator. For nonvolatile storage of a configuration, the Save Setup
and Load Setup functions can be used. This stores the configu-
ration as a data file on disk.
Overshoot on PC Printer Ports’ Data Lines
The data lines on some printer ports have excessive overshoot.
Overshoot on the pin that is used as the serial clock (Pin 6 on
the D-Sub-25 connector) can cause communication problems.
This overshoot can be eliminated by connecting a capacitor
from the CLK line on the evaluation board to ground. A pad
has been provided on the circuit-side (C33) of the evaluation
board to allow this capacitor to be soldered into place. Depend-
ing upon the overshoot from the printer port, this capacitor may
need to be as large as 0.01
µF.
Windows is a registered trademark of Microsoft Corporation.
AD8114/AD8115
Parallel Port Selection
Figure 53. Screen Display and Control Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com