Electronic Components Datasheet Search
  English  ▼

X  

AD8131 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8131
Description  Low-Cost, High-Speed Differential Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8131 Datasheet HTML 4Page - Analog Devices AD8131 Datasheet HTML 5Page - Analog Devices AD8131 Datasheet HTML 6Page - Analog Devices AD8131 Datasheet HTML 7Page - Analog Devices AD8131 Datasheet HTML 8Page - Analog Devices AD8131 Datasheet HTML 9Page - Analog Devices AD8131 Datasheet HTML 10Page - Analog Devices AD8131 Datasheet HTML 11Page - Analog Devices AD8131 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
AD8131
–8–
AD8131
1500
1500
750
750
24.9
49.9
100
100
Figure 29. Output Balance Error Test
Circuit
TEMPERATURE – C
15
7
–50
90
–30
50
13
11
9
5
–10
10
30
70
VS = 5V
VS = 5V
VS = 3V
Figure 32. Quiescent Current vs.
Temperature
FREQUENCY – MHz
1
1000
–40
10
100
–20
–30
–50
–70
VS = 5V
–60
VOUT,dm
VOCM
VOCM = 2V p-p
VOCM = 600mV p-p
–80
–90
Figure 35. VOCM CMRR vs. Frequency
FREQUENCY – MHz
–80
1
1000
–40
10
100
–20
–30
–50
–60
–70
VOUT,dm = 2V p-p
VOUT,cm/ VOUT,dm
VS = 5V
VS = 5V
Figure 30. Output Balance Error vs.
Frequency
FREQUENCY – Hz
0.1k
100k
70
1k
10k
110
90
50
10
30
1M
10M
100M
VS = 5V
Figure 33. Voltage Noise vs.
Frequency
400mV
5ns
VS = 5V
VOCM = –1V TO +1V
VOUT,cm
Figure 36. VOCM Transient Response
TEMPERATURE – C
4
0
–50
90
–30
50
3
2
1
–1
–10
10
30
70
VS = 5V
VS = 5V
VS = +3V(VOCM = 0V)
Figure 31. Output Offset Voltage vs.
Temperature
FREQUENCY – MHz
100
0
110
6
3
–3
–9
VS = 5V
–6
VOUT,cm
VOCM
VOCM = 2V p-p
VOCM = 600mV p-p
1000
Figure 34. VOCM Gain Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com