Electronic Components Datasheet Search
  English  ▼

X  

AD8131 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8131
Description  Low-Cost, High-Speed Differential Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 4 Page - Analog Devices

  AD8131 Datasheet HTML 1Page - Analog Devices AD8131 Datasheet HTML 2Page - Analog Devices AD8131 Datasheet HTML 3Page - Analog Devices AD8131 Datasheet HTML 4Page - Analog Devices AD8131 Datasheet HTML 5Page - Analog Devices AD8131 Datasheet HTML 6Page - Analog Devices AD8131 Datasheet HTML 7Page - Analog Devices AD8131 Datasheet HTML 8Page - Analog Devices AD8131 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
AD8131
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8131 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±5.5 V
VOCM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . 250 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . 300
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only, functional operation of the
device at these or any other conditions above listed in the operational section of this
specification is not implied. Exposure to Absolute Maximum Ratings for any
extended periods may affect device reliability.
2 Thermal resistance measured on SEMI standard 4-layer board.
8-Lead SOIC
θ
JA = 121°C/W
8-Lead
µSOIC θ
JA = 142°C/W
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8131AR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8131AR-REEL
AD8131AR-REEL7
AD8131ARM
–40
°C to +85°C
8-Lead
µSOIC
RM-8
AD8131ARM-REEL
AD8131ARM-REEL7
AD8131-EVAL
Evaluation Board
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1–DIN
Negative Input.
2VOCM
Voltage applied to this pin sets the common-
mode output voltage with a ratio of 1:1. For
example, 1 V dc on VOCM will set the dc bias
level on +OUT and –OUT to 1 V.
3
V+
Positive Supply Voltage.
4
+OUT
Positive Output. Note: the voltage at –DIN is
inverted at +OUT.
5
–OUT
Negative Output. Note: the voltage at +DIN
is inverted at –OUT.
6
V–
Negative Supply Voltage.
7
NC
No Connect.
8+DIN
Positive Input
PIN CONFIGURATION
18 +DIN
–DIN
2
7NC
VOCM
3
6
V+
V–
4
5
–OUT
+OUT
AD8131
NC = NO CONNECT
1.5k
1.5k
750
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com