Electronic Components Datasheet Search
  English  ▼

X  

AD8132 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8132
Description  Low-Cost, High-Speed Differential Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132 Datasheet(HTML) 1 Page - Analog Devices

  AD8132 Datasheet HTML 1Page - Analog Devices AD8132 Datasheet HTML 2Page - Analog Devices AD8132 Datasheet HTML 3Page - Analog Devices AD8132 Datasheet HTML 4Page - Analog Devices AD8132 Datasheet HTML 5Page - Analog Devices AD8132 Datasheet HTML 6Page - Analog Devices AD8132 Datasheet HTML 7Page - Analog Devices AD8132 Datasheet HTML 8Page - Analog Devices AD8132 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8132
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Low-Cost, High-Speed
Differential Amplifier
FUNCTIONAL BLOCK DIAGRAM
AD8132
+
1
2
3
4
NC = NO CONNECT
–IN
+IN
VOCM
NC
V+
V–
+OUT
–OUT
8
7
6
5
FEATURES
High Speed
350 MHz –3 dB Bandwidth
1200 V/ s Slew rate
Resistor-Settable Gain
Internal Common-Mode Feedback to Improve Gain
and Phase Balance –68 dB @ 10 MHz
Separate Input to Set the Common-Mode Output
Voltage
Low Distortion –99 dBc SFDR @ 5 MHz 800
Load
Low Power 10.7 mA @ 5 V
Power Supply Range +2.7 V to
5.5 V
APPLICATIONS
Low Power Differential ADC Driver
Differential Gain and Differential Filtering
Video Line Driver
Differential In/Out Level-Shifting
Single-Ended Input to Differential Output Driver
Active Transformer
GENERAL DESCRIPTION
The AD8132 is a low-cost differential or single-ended input to
differential output amplifier with resistor-settable gain. The
AD8132 is a major advancement over op amps for driving differ-
ential input ADCs or for driving signals over long lines. The
AD8132 has a unique internal feedback feature that provides
output gain and phase matching balanced to –68 dB at 10 MHz,
suppressing harmonics, and reducing radiated EMI.
Manufactured on ADI’s next generation of XFCB bipolar pro-
cess, the AD8132 has a –3 dB bandwidth of 350 MHz and
delivers a differential signal with –99 dBc SFDR at 5 MHz,
despite its low cost. The AD8132 eliminates the need for a
transformer with high-performance ADCs, preserving the low
frequency and dc information. The common-mode level of the
differential output is adjustable by applying a voltage on the VOCM
pin, easily level-shifting the input signals for driving single supply
ADCs. Fast overload recovery preserves sampling accuracy.
The AD8132 can also be used as a differential driver for the
transmission of high-speed signals over low-cost twisted pair or
coaxial cables. The feedback network can be adjusted to boost
the high-frequency components of the signal. The AD8132 can
be used for either analog or digital video signals or for other high-
speed data transmission. The AD8132 is capable of driving either
cat3 or cat5 twisted pair or coaxial with minimal line attenu-
ation. The AD8132 has considerable cost and performance
improvements over discrete line driver solutions.
Differential signal processing reduces the effects of ground noise
which plagues ground referenced systems. The AD8132 can be
used for differential signal processing (gain and filtering) through-
out a signal chain, easily simplifying the conversion between
differential and single-ended components.
The AD8132 is available in both SOIC and
µSOIC packages for
operation over –40
°C to +85°C temperatures.
FREQUENCY – MHz
6
1
3
0
–3
–6
–9
–12
10
100
1k
VS = 5V
G = 1
VO,dm = 2V p-p
RL,dm = 499
Figure 1. Large Signal Frequency Response


Similar Part No. - AD8132

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
AD8132 AD-AD8132 Datasheet
484Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132AR AD-AD8132AR Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD8132AR AD-AD8132AR Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132AR AD-AD8132AR Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results

Similar Description - AD8132

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131 AD-AD8131 Datasheet
197Kb / 12P
Low-Cost, High-Speed Differential Driver
REV.0
AD518 AD-AD518 Datasheet
127Kb / 2P
LOW-COST HIGH-SPEED, IC OPERATIONAL AMPLIFIER
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD518 AD-AD518_15 Datasheet
1Mb / 4P
LOW COST HIGH SPEED IC OPERATIONAL AMPLIFIER
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com