Electronic Components Datasheet Search
  English  ▼

X  

AD8132 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8132
Description  Low-Cost, High-Speed Differential Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8132 Datasheet HTML 12Page - Analog Devices AD8132 Datasheet HTML 13Page - Analog Devices AD8132 Datasheet HTML 14Page - Analog Devices AD8132 Datasheet HTML 15Page - Analog Devices AD8132 Datasheet HTML 16Page - Analog Devices AD8132 Datasheet HTML 17Page - Analog Devices AD8132 Datasheet HTML 18Page - Analog Devices AD8132 Datasheet HTML 19Page - Analog Devices AD8132 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
AD8132
–18–
Low-Pass Differential Filter
Similar to an op amp, various types of active filters can be cre-
ated with the AD8132. These can have single-ended inputs and
differential outputs, which can provide an antialias function
when driving a differential A/D converter.
Figure 14 is a schematic of a low-pass, multiple-feedback filter.
The active section contains two poles, and an additional pole is
added at the output. The filter was designed to have a –3 dB
frequency of 1 MHz. The actual –3 dB frequency was measured
to be 1.12 MHz as shown in Figure 15.
33pF
2.15k
953
953
33pF
2.15k
100pF
100pF
2k
2k
24.9
49.9
549
549
200pF
200pF
VIN
VOUT
Figure 14. 1 MHz, 3-Pole Differential Output Low-Pass
Multiple Feedback Filter
FREQUENCY – Hz
10
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
100k
1M
10M
100M
Figure 15. Frequency Response of 1 MHz Low-Pass Filter
High Common-Mode-Output-Impedance Amplifier
Changing the connection to VOCM (Pin 2) can change the
common-mode from low impedance to high impedance. If
VOCM is actively set to a particular voltage, the AD8132 will try
to force VOUT,cm to the same voltage with a relatively low output
impedance. All the previous analysis assumed that this output
impedance is arbitrarily low enough to drive the load condition
in the circuit.
However, the are some applications that benefit from a high
common-mode output impedance. This can be accomplished
with the circuit shown in Figure 16.
RG
348
RF
348
RF
348
RG
348
10
10
1k
1k
49.9
49.9
Figure 16. High Common-Mode Output Impedance Differ-
ential Amplifier
The complementary electrical fields will mostly be confined to
the space between the two twisted conductors and will not sig-
nificantly radiate out from the cable. The current in the cable will
create magnetic fields that will radiate to some degree. However,
the amount of radiation is mitigated by the twists, because for
each twist, the two adjacent twists will have an opposite polarity
magnetic field. If the twist pitch is tight enough, these small
magnetic field loops will contain most of the magnetic flux,
and the magnetic far-field strength will be negligible.
Any imbalance in the differential drive signal will appear as a
common-mode signal on the cable. This is the equivalent of a
single wire that is driven with the common-mode signal. In this
case, the wire will act as an antenna and radiate. Thus, in order
to minimize radiation when driving differential twisted pair
cables, the differential drive signal should be very well balanced.
The common-mode feedback loop in the AD8132 helps to
minimize the amount of common-mode voltage at the output,
and can therefore be used to create a well-balanced differential
line driver. Figure 11 shows an application that uses an AD8132
as a balanced line driver and AD830 as a differential receiver
configured for unity gain. This circuit was operated with 10 m
of Category 5 cable.
Transmit Equalizer
Any length of transmission line will attenuate the signals it carries.
This effect is worse at higher frequencies than at low frequen-
cies. One way to compensate for this is to provide an equalizer
circuit that boosts the higher frequencies in the transmitter
circuit, so that at the receive end of the cable, the attenuation
effects are diminished.
By lowering the impedance of the RG component of the feed-
back network at higher frequency, the gain can be increased at
high frequency. Figure 12 shows a gain-of-two line driver that
has its RGs shunted by 10 pF resistors. The effect of this is shown
in the frequency response plot of Figure 13.
249
49.9
10pF
499
10pF
249
24.9
VIN
49.9
499
49.9
100
VOUT
Figure 12. Frequency Boost Circuit
1
1000
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
100
FREQUENCY – MHz
Figure 13. Frequency Response for Transmit Boost Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com