Electronic Components Datasheet Search
  English  ▼

X  

VIHAMDCEL Datasheet(PDF) 1 Page - Vicor Corporation

Part # VIHAMDCEL
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIHAMDCEL Datasheet(HTML) 1 Page - Vicor Corporation

  VIHAMDCEL Datasheet HTML 1Page - Vicor Corporation VIHAMDCEL Datasheet HTML 2Page - Vicor Corporation VIHAMDCEL Datasheet HTML 3Page - Vicor Corporation VIHAMDCEL Datasheet HTML 4Page - Vicor Corporation VIHAMDCEL Datasheet HTML 5Page - Vicor Corporation VIHAMDCEL Datasheet HTML 6Page - Vicor Corporation VIHAMDCEL Datasheet HTML 7Page - Vicor Corporation VIHAMDCEL Datasheet HTML 8Page - Vicor Corporation VIHAMDCEL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vicor Corp.
Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
HAM, High-Boost Harmonic Attenuation Module
Rev. 2.5
Page 1 of 10
Set your site on VICOR at vicorpower.com
Data Sheet
VI-HAM TM, VE-HAM TM
High-Boost Harmonic Attenuation Module
Features
• 675 Watts output power
• Unity power factor
• 85 – 264 Vac universal input
• Meets EN61000-3-2
• Short circuit protection
• Input surge limiting
• High efficiency
• RoHS compliant
• For use with Vicor’s V375, VI-26x
and VI-J6x DC-DC Converters
Product Overview
The high-boost HAM (Harmonic Attenuator
Module) is a universal AC input, PFC
front-end module that has been optimized
for use with Vicor’s V375 series of DC-DC
converters.
A single high-boost HAM may be used with
any combination of V375 series DC-DC
converters which are available in Micro,
Mini and Maxi packages with up to 600
Watts of output power. Versions without
internal diode bridges (HAMD and BAMD)
can be operated in parallel to provide power
expansion capability. The combination of the
high-boost HAM with V375 DC-DC
converters results in a power conversion
system with twice the power density, fewer
components and lower cost compared to
previous HAM-based solutions.
In addition, the high-boost HAM is fully
compatible with Vicor’s VI-26x and VI-J6x
series DC-DC converters. This gives
designers the freedom to choose from the
industry’s broadest selection of DC-DC
converters with outputs from 2 to 95 Vdc,
50 – 600 Watts. The user need only provide
external hold-up capacitors, a few discrete
components, and a line filter (available
from Vicor).
4.6 x 2.4 x 0.5 in
(116,8 x 61,0 x 12,7 mm)
Parameter
Rating
Unit
Notes
L to N voltage
265
Vac
Continuous
280
Vac
100 ms
Mounting torque
5 (0.57)
in - lbs (N-m)
# 6-32 or m3.5
Pin soldering temperature
750
°F
(400)
(°C)
Operating temperature
–55 to +85
°C
M-Grade
Storage temperature
–65 to +100
°C
M-Grade
Auxiliary output
3
mA
Product Type
HAM = Harmonic Attenuator Module
HAMD = Harmonic Attenuator Module Driver
BAMD = Harmonic Attenuator Module Booster
(HAMD and BAMD can be used in parallel
or in arrays for applications that require more
power than that available from a single HAM)
Output
L = 675 W
Product Grade Temperatures (°C)
Grade
Operating
Storage
E =
–10 to +85
– 40 to +100
C =
– 25 to +85
– 40 to +100
I
=
– 40 to +85
– 55 to +100
M =
– 55 to +85
– 65 to +100
Absolute Maximum Ratings
Part Numbering
VI - HAM
-
C
L
RoHS Designator
VI = Non RoHS Compliant
VE = RoHS Compliant
For application information please see the Design Guide at
www.vicorpower.com/mmmguide.


Similar Part No. - VIHAMDCEL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIHAMD-CL VICOR-VIHAMD-CL Datasheet
390Kb / 10P
High-Boost Harmonic Attenuation Module
VIHAMD-EL VICOR-VIHAMD-EL Datasheet
390Kb / 10P
High-Boost Harmonic Attenuation Module
VIHAMD-IL VICOR-VIHAMD-IL Datasheet
390Kb / 10P
High-Boost Harmonic Attenuation Module
VIHAMD-ML VICOR-VIHAMD-ML Datasheet
390Kb / 10P
High-Boost Harmonic Attenuation Module
More results

Similar Description - VIHAMDCEL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MICRORAM VICOR-MICRORAM Datasheet
1Mb / 8P
Output Ripple Attenuation Module
VI-HAM-CL VICOR-VI-HAM-CL Datasheet
185Kb / 8P
High-Boost Harmonic Attenuation Module
VI-HAM-CL VICOR-VI-HAM-CL_17 Datasheet
390Kb / 10P
High-Boost Harmonic Attenuation Module
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1606L96A8Q1C WALSIN-AMDIP1606L96A8Q1C Datasheet
624Kb / 6P
High Attenuation on harmonic suppressed
AMDIP1606L96B8Q1C WALSIN-AMDIP1606L96B8Q1C Datasheet
583Kb / 6P
High Attenuation on harmonic suppressed
AMLPF16080G9DM1T76 WALSIN-AMLPF16080G9DM1T76 Datasheet
498Kb / 6P
High attenuation on harmonic suppressed
RFBPF1608060KLT WALSIN-RFBPF1608060KLT Datasheet
411Kb / 3P
High attenuation on harmonic suppressed
RFLPF10051G8D8T WALSIN-RFLPF10051G8D8T Datasheet
346Kb / 3P
High attenuation on harmonic suppressed
RFLPF10051G8DCT WALSIN-RFLPF10051G8DCT Datasheet
191Kb / 2P
High Attenuation on harmonic Suppressed
RFLPF16081G8D7T WALSIN-RFLPF16081G8D7T Datasheet
568Kb / 2P
High attenuation on harmonic suppressed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com