Electronic Components Datasheet Search
  English  ▼

X  

VIHAMDCEL Datasheet(PDF) 5 Page - Vicor Corporation

Part # VIHAMDCEL
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIHAMDCEL Datasheet(HTML) 5 Page - Vicor Corporation

  VIHAMDCEL Datasheet HTML 1Page - Vicor Corporation VIHAMDCEL Datasheet HTML 2Page - Vicor Corporation VIHAMDCEL Datasheet HTML 3Page - Vicor Corporation VIHAMDCEL Datasheet HTML 4Page - Vicor Corporation VIHAMDCEL Datasheet HTML 5Page - Vicor Corporation VIHAMDCEL Datasheet HTML 6Page - Vicor Corporation VIHAMDCEL Datasheet HTML 7Page - Vicor Corporation VIHAMDCEL Datasheet HTML 8Page - Vicor Corporation VIHAMDCEL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Vicor Corp.
Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
HAM, High-Boost Harmonic Attenuation Module
Rev. 2.5
Page 5 of 10
Set your site on VICOR at vicorpower.com
+IN
PC
PR
-IN
L2/N
GATE OUT
GATE IN
L1
– OUT
E/O
+ OUT
A/S
P/OK
VI-HAM-xL
-IN
Y-Capacitor
Y-Capacitor
F2
+IN
L1
GND
L2/N
L1
LOAD
L2/N
Vicor
Line Filter
P/N 30205
6.3 A
LINE
F1
G ATE IN
G ATE OUT
Hold up Box (HUB)
R1
R2
C3
D3
D5
D1
D4
C2
C5
C6
C7
C8
C1
R3*
C4
D2
F3
V375
DC-DC
Converters
VI-26x or
VI-J6x
DC-DC
Converters
Component
Description
Vicor
Designation
Part Number
C1
0.1 μF ceramic, 50 V
C2, C3
0.01 μF ceramic, 50 V
C4
Hold up capacitor,
Available as a HUB
500 to 3,000 μF
from Vicor (see
adjoining table)
R1
50 KΩ
R2
250 Ω, 0.25 W
R3*
100 KΩ, 2 W
D1
1N4691 zener, 6.2 V
D2, D3
1N4006 diode, 800 V
00670
D4, D5
1N5817 schottky diode, 20V
26108
V1
275 V MOV
30076
C5–C8
4,700 pF Y2 cap.
01000
F1, F2
Use recommended fusing for specific
DC-DC Converters
F3
10 A, 250 V
V1
μF
μF
μF
* A 100 K, 2 Watt resistor is used for every
1,000 µF of hold-up capacitance.
L1 and L2/N (HAM)
An appropriate line filter is required to limit conducted
emissions and ensure reliable operation of the HAM, see
page 8. Connect single phase AC mains to the input of the line
filter via a 10 A, 250 V fuse. Connect the output of the filter to
L1 and L2/N of the HAM. Do not put an X-capacitor across the
input of the HAM or use a line filter with an X-capacitor on its
output as power factor correction may be impacted.
+IN, –IN (HAMD, BAMD)
These pins are connected to the output of the external bridge
rectifier in HAMD / BAMD configurations (Figure 5).
GATE IN (HAM)
The user should not make any connection to this pin.
GATE IN (HAMD)
This pin provides line voltage envelope and phase information
for power factor correction. This connection must be made
through the synchronization diodes between the line filter
and bridge rectifier (Figure 5).
GATE IN (BAMD)
The Gate In pin is an interface pin to the Gate Out pin of a
HAMD or BAMD depending on configuration. The user should
not make any other connection to this pin.
GATE OUT
The Gate Out pin is a synchronization pin for HAMD/BAMD
arrays; the user should not make any other connection to this
pin.
+OUT and -OUT
Connect the +OUT of the HAM to the +IN of the respective
Vicor DC-DC converters with the recommended fuse. Connect
the -OUT of the HAM to the -IN of the converters. In addition,
an external hold-up capacitor of 1,000 µF with a minimum
voltage rating of 450 Vdc, is required (across the output of the
HAM) for 16 ms ride through time at full power (500 µF for half
power, etc). This capacitor must be in close proximity to the
HAM. Do not exceed 3,000 µF of total output capacitance. Lower
values of capacitance may be used for reduced hold up
requirements, but not less than 500 µF. Lower capacitance
values may degrade power factor specifications.
Figure 4 — Connection diagram HAM / DC-DC converters
PIN FUNCTION / DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com