Electronic Components Datasheet Search
  English  ▼

X  

AD817 Datasheet(PDF) 5 Page - Analog Devices

Part # AD817
Description  High Speed, Low Power Wide Supply Range Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD817 Datasheet(HTML) 5 Page - Analog Devices

  AD817 Datasheet HTML 1Page - Analog Devices AD817 Datasheet HTML 2Page - Analog Devices AD817 Datasheet HTML 3Page - Analog Devices AD817 Datasheet HTML 4Page - Analog Devices AD817 Datasheet HTML 5Page - Analog Devices AD817 Datasheet HTML 6Page - Analog Devices AD817 Datasheet HTML 7Page - Analog Devices AD817 Datasheet HTML 8Page - Analog Devices AD817 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD817
REV. B
–5–
7
1
4
2
3
6
5
140
–40
–60
120
80
60
40
100
20
0
–20
TEMPERATURE –
°C
Figure 7. Input Bias Current vs. Temperature
130
30
90
50
70
110
140
–40
–60
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
SOURCE CURRENT
SINK CURRENT
Figure 8. Short Circuit Current vs. Temperature
100
20
80
40
60
–60
140
–40
100
120
80
60
40
20
0
–20
TEMPERATURE –
°C
PHASE MARGIN
GAIN BANDWIDTH
20
80
40
60
Figure 9. Unity Gain Bandwidth and Phase Margin
vs. Temperature
100
–20
40
0
20
80
60
1G
10k
1k
100M
10M
1M
100k
FREQUENCY – Hz
+100
+40
0
+20
+80
+60
GAIN
±15V SUPPLIES
GAIN
±5V SUPPLIES
PHASE
±5V OR
±15V SUPPLIES
R
L
= 1k
Ω
Figure 10. Open-Loop Gain and Phase Margin
vs. Frequency
100
1k
10k
7
4
1
2
3
5
6
LOAD RESISTANCE – Ohms
±15V
±5V
Figure 11. Open Loop Gain vs. Load Resistance
100
10
30
20
40
50
60
70
80
90
100M
1k
100
10M
1M
100k
10k
FREQUENCY – Hz
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
Figure 12. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com