Electronic Components Datasheet Search
  English  ▼

X  

AD817 Datasheet(PDF) 9 Page - Analog Devices

Part # AD817
Description  High Speed, Low Power Wide Supply Range Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD817 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD817 Datasheet HTML 4Page - Analog Devices AD817 Datasheet HTML 5Page - Analog Devices AD817 Datasheet HTML 6Page - Analog Devices AD817 Datasheet HTML 7Page - Analog Devices AD817 Datasheet HTML 8Page - Analog Devices AD817 Datasheet HTML 9Page - Analog Devices AD817 Datasheet HTML 10Page - Analog Devices AD817 Datasheet HTML 11Page - Analog Devices AD817 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD817
REV. B
–9–
DRIVING CAPACITIVE LOADS
The internal compensation of the AD817, together with its high
output current drive, permit excellent large signal performance
while driving extremely high capacitive loads.
C
L
1000pF
R
IN
1k
Ω
+V
S
TEKTRONIX
P6201 FET
PROBE
HP
PULSE
GENERATOR
50
Ω
1k
Ω
V
OUT
0.01
µF
3.3
µF
–V
S
V
IN
TEKTRONIX
7A24
PREAMP
AD817
7
6
3
2
4
0.01
µF
3.3
µF
Figure 30a. Inverting Amplifier Driving a 1000 pF
Capacitive Load
10
90
100
0%
5V
500ns
5V
100pF
1000pF
Figure 30b. Inverting Amplifier Pulse Response While
Driving Capacitive Loads
THEORY OF OPERATION
The AD817 is a low cost, wide band, high performance opera-
tional amplifier which effectively drives heavy capacitive or resis-
tive loads. It also provides a constant slew rate, bandwidth and
settling time over its entire specified temperature range.
The AD817 (Figure 31) consists of a degenerated NPN differ-
ential pair driving matched PNPs in a folded-cascode gain stage.
The output buffer stage employs emitter followers in a class AB
amplifier which delivers the necessary current to the load while
maintaining low levels of distortion.
The capacitor, CF, in the output stage mitigates the effect of
capacitive loads. At low frequencies, and with low capacitive
loads, the gain from the compensation node to the output is
very close to unity. In this case, CF is bootstrapped and does not
contribute to the overall compensation capacitance of the device.
As the capacitive load is increased, a pole is formed with the
output impedance of the output stage. This reduces the gain,
and therefore, CF is incompletely bootstrapped. Effectively,
some fraction of CF contributes to the overall compensation
capacitance, reducing the unity gain bandwidth. As the load
capacitance is further increased, the bandwidth continues to fall,
maintaining the stability of the amplifier.
C
F
–IN
+IN
NULL 1
NULL 8
OUTPUT
+VS
–VS
Figure 31. Simplified Schematic
INPUT CONSIDERATIONS
An input protection resistor (RIN in Figure 22) is required in cir-
cuits where the input to the AD817 will be subjected to tran-
sient or continuous overload voltages exceeding the +6 V
maximum differential limit. This resistor provides protection for
the input transistors by limiting their maximum base current.
For high performance circuits, it is recommended that a “bal-
ancing” resistor be used to reduce the offset errors caused by
bias current flowing through the input and feedback resistors.
The balancing resistor equals the parallel combination of RIN
and RF and thus provides a matched impedance at each input
terminal. The offset voltage error will then be reduced by more
than an order of magnitude.
GROUNDING & BYPASSING
When designing high frequency circuits, some special precau-
tions are in order. Circuits must be built with short interconnect
leads. When wiring components, care should be taken to pro-
vide a low resistance, low inductance path to ground. Sockets
should be avoided, since their increased interlead capacitance
can degrade circuit bandwidth.
Feedback resistors should be of low enough value (<1 k
Ω) to
assure that the time constant formed with the inherent stray
capacitance at the amplifier’s summing junction will not limit
performance. This parasitic capacitance, along with the parallel
resistance of RF/RIN, form a pole in the loop transmission which
may result in peaking. A small capacitance (1 pF–5 pF) may be
used in parallel with the feedback resistor to neutralize this effect.
Power supply leads should be bypassed to ground as close as
possible to the amplifier pins. Ceramic disc capacitors of 0.1
µF
are recommended.
+V
S
10k
Ω
–V
S
AD817
7
3
2
4
8
6
1
V
OS ADJUST
Figure 32. Offset Null Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com