Electronic Components Datasheet Search
  English  ▼

X  

AD8170 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8170
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8170 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8170 Datasheet HTML 8Page - Analog Devices AD8170 Datasheet HTML 9Page - Analog Devices AD8170 Datasheet HTML 10Page - Analog Devices AD8170 Datasheet HTML 11Page - Analog Devices AD8170 Datasheet HTML 12Page - Analog Devices AD8170 Datasheet HTML 13Page - Analog Devices AD8170 Datasheet HTML 14Page - Analog Devices AD8170 Datasheet HTML 15Page - Analog Devices AD8170 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8170/AD8174
–12–
REV. 0
EVALUATION BOARD
Evaluation boards for the AD8170 and AD8174 are available
that have been carefully laid out and tested to demonstrate the
specified high speed performance of the devices. Figure 28 and
Figure 32 show the schematics of the AD8170 and AD8174
evaluation boards respectively. For ordering information, please
refer to the Ordering Guide.
Figure 29 shows the silkscreen of the component side of the
solder side of the AD8170 evaluation board. Figures 30 and 31
show the layout of the component side and solder side respec-
tively. The silkscreens and layout of the AD8174 evaluation
board are shown in Figures 33, 34, 35 and 36.
Both evaluation boards ship with 75
Ω termination resistors on
their analog inputs and analog outputs. To use the evaluation
board in nonvideo applications where 50
Ω termination is more
popular, these resistors can be replaced with 50
Ω values. The
digital control pins are terminated with 50
Ω resistors to allow
easy connection to laboratory equipment.
The gain of the output current feedback op amp on both boards
has been set to +2. For other gains the two gain resistors can be
easily replaced. Refer to Table III for appropriate values at gains
other than +2.
For connection to external instruments, side-launched SMA
type connectors are provided. Space is also provided on the
board for the installation of SMB of SMC type connectors.
AD8170
+1
+1
–VS
+VS
8
7
6
5
1
2
3
4
GND
+
R6
75
Ω
R5
549
Ω
R4
549
Ω
VOUT
+VS
+
C3
10µF
C4
0.1µF
C1
10µF
C2
0.1µF
R2
75
Ω
R3
75
Ω
–VS
R1
50
Ω
SELECT
IN0
IN1
Figure 28. AD8170 Evaluation Board
Figure 29. AD8170 Component Side Silkscreen
Figure 30. AD8170 Board Layout (Component Side)
Figure 31. AD8170 Board Layout (Solder Side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com