Electronic Components Datasheet Search
  English  ▼

X  

AD8170 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8170
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8170 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8170 Datasheet HTML 8Page - Analog Devices AD8170 Datasheet HTML 9Page - Analog Devices AD8170 Datasheet HTML 10Page - Analog Devices AD8170 Datasheet HTML 11Page - Analog Devices AD8170 Datasheet HTML 12Page - Analog Devices AD8170 Datasheet HTML 13Page - Analog Devices AD8170 Datasheet HTML 14Page - Analog Devices AD8170 Datasheet HTML 15Page - Analog Devices AD8170 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8170/AD8174
–14–
REV. 0
NOTES
1. AD8170R/AD8174R Evaluation Board inputs are configured
with 50
Ω impedance striplines. This FR4 board type has the
following stripline dimensions: 60-mil width, 12-mil gap
between center conductor and outside ground plane “is-
lands,” and 62-mil board thickness.
2. Several types of SMA connectors can be mounted on this
board: the side-mount type, which can be easily installed at
the edges of the board; and the top-mount type, which is
placed on top. When using the top-mount SMA connector, it
is recommended that the stripline on the outside 1/8" of the
board edge be removed with an X-Acto blade as this unused
stripline acts as an open stub, which could degrade the small-
signal frequency response of the mux.
3. Input termination resistor placement on the evaluation board
is critical to reducing crosstalk. Each termination resistor is
oriented so that ground return currents flow counterclock-
wise to a ground plane “island.” Although the direction of
this ground current flow is arbitrary, it is important that no
two input or output termination resistors share a connection
to the same ground “island.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com