Electronic Components Datasheet Search
  English  ▼

X  

AD8184 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8184
Description  700 MHz, 5 mA 4-to-1 Video Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8184 Datasheet(HTML) 2 Page - Analog Devices

  AD8184 Datasheet HTML 1Page - Analog Devices AD8184 Datasheet HTML 2Page - Analog Devices AD8184 Datasheet HTML 3Page - Analog Devices AD8184 Datasheet HTML 4Page - Analog Devices AD8184 Datasheet HTML 5Page - Analog Devices AD8184 Datasheet HTML 6Page - Analog Devices AD8184 Datasheet HTML 7Page - Analog Devices AD8184 Datasheet HTML 8Page - Analog Devices AD8184 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD8184–SPECIFICATIONS
REV. 0
–2–
AD8184A
Parameter
Conditions
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS
Channel Switching Time1
Channel-to-Channel
50% Logic to 10% Output Settling
IN0 = +1 V, IN1 = –1 V
5
ns
50% Logic to 90% Output Settling
10
ns
50% Logic to 99.9% Output Settling
15
ns
ENABLE to Channel ON Time2
A0, A1
= 0 or 1
50% Logic to 90% Output Settling
IN0 = +1 V, –1 V or IN1 = –1 V, +1 V
12
ns
ENABLE to Channel OFF Time2
A0, A1 = 0 or 1
50% Logic to 90% Output Settling
IN1 = +1 V, –1 V or IN1 = –1 V, +1 V
22
ns
Channel Switching Transient (Glitch)3
All Inputs Are Grounded
±25
mV
DIGITAL INPUTS
Logic “1” Voltage
A0, A1 and
ENABLE Inputs
2.0
V
Logic “0” Voltage
A0, A1 and
ENABLE Inputs
0.8
V
Logic “1” Input Current
A0, A1,
ENABLE = +4 V
10
200
nA
Logic “0” Input Current
A0, A1,
ENABLE = +0.4 V
2
3
µA
DYNAMIC PERFORMANCE
–3 dB Bandwidth (Small Signal)4
AD8184AR
VIN = 50 mV rms, RL = 5 kΩ
550
700
MHz
–3 dB Bandwidth (Large Signal)
AD8184AR
VIN = 1 V rms, RL = 5 kΩ
105
135
MHz
0.1 dB Bandwidth4, 5
AD8184AR
VIN = 50 mV rms, RL = 5 kΩ
60
75
MHz
Slew Rate
2 V Step
600
750
V/
µs
Settling Time to 0.1%
2 V Step
15
ns
DISTORTION/NOISE PERFORMANCE
Differential Gain
ƒ = 3.58 MHz, RL = 2 kΩ
0.2
%
f = 3.58 MHz, RL = 10 kΩ
0.01
0.02
%
Differential Phase
f = 3.58 MHz, RL = 2 kΩ
0.2
Degrees
f = 3.58 MHz, RL = 10 kΩ
0.01
0.02
Degrees
All Hostile Crosstalk6
AD8184AR
ƒ = 5 MHz
–95
dB
ƒ = 30 MHz
–78
dB
OFF Isolation7
AD8184AR
ƒ = 5 MHz, RL = 30 Ω
–115
dB
Voltage Noise
ƒ = 30 MHz
4.5
nV/
√Hz
Total Harmonic Distortion
ƒC = 10 MHz, VO = 2 V p-p, RL = 1 kΩ
–74
dBc
DC/TRANSFER CHARACTERISTICS
Voltage Gain
8
VIN = ± 1 V
0.982
V/V
Input Offset Voltage
28
mV
TMIN to TMAX
15
mV
Input Offset Voltage Drift
5
µV/°C
Input Offset Voltage Matching
Channel-to-Channel
0.6
3
mV
Input Bias Current
2.5
7.5
µA
TMIN to TMAX
9.5
µA
Input Bias Current Drift
5
nA/
°C
INPUT CHARACTERISTICS
Input Resistance
1.0
2.4
M
Ω
Input Capacitance
Channel Enabled (R Package)
1.6
pF
Channel Disabled (R Package)
1.6
pF
Input Voltage Range
±3.3
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
VIN = ± 4 V, RL = 2 kΩ
9
±3.15
±3.2
V
Short Circuit Current
30
mA
Output Resistance
Enabled
28
33
Ω
Disabled
10
M
Ω
Output Capacitance
Disabled (R Package)
3.2
pF
POWER SUPPLY
Operating Range
±4
±6V
Power Supply Rejection Ratio
+PSRR
+VS = +4.5 V to +5.5 V, –VS = –5 V
54
57
dB
Power Supply Rejection Ratio
–PSRR
–VS = –4.5 V to –5.5 V, +VS = +5 V
51
54
dB
Quiescent Current
Enabled
4.4
5.2
mA
TMIN to TMAX
5.7
mA
Disabled
2.1
2.9
mA
TMIN to TMAX
2.9
mA
OPERATING TEMPERATURE RANGE
–40
+85
°C
(@ TA = +25 C, VS =
5 V, RL = 2 k
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com