Electronic Components Datasheet Search
  English  ▼

X  

AD8184 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8184
Description  700 MHz, 5 mA 4-to-1 Video Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8184 Datasheet(HTML) 4 Page - Analog Devices

  AD8184 Datasheet HTML 1Page - Analog Devices AD8184 Datasheet HTML 2Page - Analog Devices AD8184 Datasheet HTML 3Page - Analog Devices AD8184 Datasheet HTML 4Page - Analog Devices AD8184 Datasheet HTML 5Page - Analog Devices AD8184 Datasheet HTML 6Page - Analog Devices AD8184 Datasheet HTML 7Page - Analog Devices AD8184 Datasheet HTML 8Page - Analog Devices AD8184 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. 0
AD8184–Typical Performance Curves
FREQUENCY – Hz
1M
10M
100M
1G
5
4
–5
3
2
1
0
–1
–2
–3
–4
VIN = 50mVrms
RL = 5kΩ
RS = 0Ω
Figure 6. Small Signal Frequency Response
–0.2
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
VIN = 50mVrms
RL = 5kΩ
RS = 0Ω
1M
10M
100M
1G
FREQUENCY – Hz
–0.3
–0.4
–0.5
Figure 7. Gain Flatness vs. Frequency
–27
–6
–9
–12
–15
–18
–21
–24
1M
10M
100M
1G
FREQUENCY – Hz
–3
0
3
VIN = 1.0Vrms
RL = 5kΩ
VIN = 0.5Vrms
VIN = 0.25Vrms
VIN = 125mVrms
VIN = 62.5mVrms
Figure 8. Large Signal Frequency Response
DUT OUT
500mV/DIV
5ns/DIV
1V
–1V
OUTPUT
A0 PULSE
0 TO 5V
Figure 3 Channel Switching Characteristics
DUT OUT
800mV/DIV
–1V
10ns/DIV
tOFF
+1V
–1V
+1V
tON
PULSE
0 TO 5V
Figure 4. Enable and Disable Switching Characteristics
25mV/DIV
25ns/DIV
OUTPUT
SWITCHING A0
OUTPUT
SWITCHING A1
A0 and A1 PULSE
0 TO +5V
Figure 5. Channel Switching Transient (Glitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com