Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 7 Page - Analog Devices

Part # AD820
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD820 Datasheet HTML 3Page - Analog Devices AD820 Datasheet HTML 4Page - Analog Devices AD820 Datasheet HTML 5Page - Analog Devices AD820 Datasheet HTML 6Page - Analog Devices AD820 Datasheet HTML 7Page - Analog Devices AD820 Datasheet HTML 8Page - Analog Devices AD820 Datasheet HTML 9Page - Analog Devices AD820 Datasheet HTML 10Page - Analog Devices AD820 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
0.5
50
0
0
30
10
–0.4
20
–0.5
40
0.4
0.3
0.2
0.1
–0.1
–0.2
–0.3
OFFSET VOLTAGE – mV
VS = 0V, 5V
Figure 3. Typical Distribution of Offset Voltage (248 Units)
VS = 5V
VS = 15V
OFFSET VOLTAGE DRIFT –
V/ C
48
0
10
24
8
–8
16
–10
40
32
8
4
2
06
–2
–4
–6
Figure 4. Typical Distribution of Offset Voltage Drift
(120 Units)
50
0
10
15
5
1
10
0
30
20
25
35
40
45
9
8
7
6
5
4
3
2
INPUT BIAS CURRENT – pA
Figure 5. Typical Distribution of Input Bias Current
(213 Units)
5
0
–5
–5
–4
5
4
3
2
1
0
–1
–2
–3
COMMON-MODE VOLTAGE – Volts
VS = 5V
VS = 0V, +5V AND 5V
Figure 6. Input Bias Current vs. Common-Mode
Voltage; VS = +5 V, 0 V and VS = ±5 V
COMMON-MODE VOLTAGE – Volts
1k
10
0.1
–16
–12
16
12
8
4
0
–4
–8
100
1
Figure 7. Input Bias Current vs. Common-Mode
Voltage; VS = ±15 V
100k
100
0.1
20
40
140
120
100
80
60
1k
10k
1
10
TEMPERATURE – C
Figure 8. Input Bias Current vs. Temperature;
VS = 5 V, VCM = 0
Typical Characteristics–AD820
REV. B
–7–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com