Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 10 Page - Analog Devices

Part # AD820
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD820 Datasheet HTML 6Page - Analog Devices AD820 Datasheet HTML 7Page - Analog Devices AD820 Datasheet HTML 8Page - Analog Devices AD820 Datasheet HTML 9Page - Analog Devices AD820 Datasheet HTML 10Page - Analog Devices AD820 Datasheet HTML 11Page - Analog Devices AD820 Datasheet HTML 12Page - Analog Devices AD820 Datasheet HTML 13Page - Analog Devices AD820 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD820
REV. B
–10–
ISOURCE = 10mA
ISINK = 10mA
ISOURCE = 1mA
ISINK = 1mA
ISOURCE = 10 A
ISINK = 10 A
1000
100
1
–60
–40
140
120
100
80
60
40
20
0
–20
10
TEMPERATURE – C
Figure 21. Output Saturation Voltage vs. Temperature
–OUT
VS = 15V
VS = 15V
VS = 0V, 5V
VS = 0V, 3V
VS = 0V, 3V
VS = 0V, 5V
TEMPERATURE – C
80
0
140
20
10
–40
–60
40
30
50
60
70
120
100
80
60
40
20
0
–20
+
–
–
+
+
Figure 22. Short Circuit Current Limit vs. Temperature
T = +125 C
T = +25 C
T = –55 C
TOTAL SUPPLY VOLTAGE – Volts
800
0
36
200
100
4
0
400
300
500
600
700
30
28
24
20
16
12
8
Figure 23. Quiescent Current vs. Supply Voltage vs.
Temperature
FREQUENCY – Hz
120
60
0
10
100
10M
1M
100k
10k
1k
30
90
80
20
50
110
70
10
40
100
–PSRR
+PSRR
Figure 24. Power Supply Rejection vs. Frequency
R1 = 2k
FREQUENCY – Hz
30
15
0
10k
100k
10M
1M
10
5
20
25
VS = 15V
VS = 0V ,3V
VS = 0V, 5V
Figure 25. Large Signal Frequency Response
AD820–Typical Characteristics
REV. B
–10–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com