Electronic Components Datasheet Search
  English  ▼

X  

AD8200 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8200
Description  High Common-Mode Voltage, Single Supply Difference Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8200 Datasheet(HTML) 4 Page - Analog Devices

  AD8200 Datasheet HTML 1Page - Analog Devices AD8200 Datasheet HTML 2Page - Analog Devices AD8200 Datasheet HTML 3Page - Analog Devices AD8200 Datasheet HTML 4Page - Analog Devices AD8200 Datasheet HTML 5Page - Analog Devices AD8200 Datasheet HTML 6Page - Analog Devices AD8200 Datasheet HTML 7Page - Analog Devices AD8200 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
SUPPLY VOLTAGE – Volts
0
25
3
4
5
10
15
20
25
30
–12
–10
–8
–6
–4
–2
0
+VCM
–VCM
TPC 1. Input Common-Mode Range vs. Supply
SUPPLY VOLTAGE – Volts
–35
2
5
3
4
–30
0
–25
–20
–15
–10
–5
RL =
RL = 10k
TO GND
TPC 2. Output Voltage – VS vs. Supply
LOAD RESISTANCE –
5
0
10
100
1k
10k
1
2
3
4
TPC 3. Output Voltage Swing vs. Load Resistance
AD8200–Typical Performance Characteristics
–4–
(TA = 25 C, VS = 5 V, VCM = 0 V, RL = 10 k
unless otherwise
noted.)
FREQUENCY – Hz
30
–20
1k
10k
100k
1M
0
–15
–10
–5
5
10
15
20
25
TPC 4. Gain vs. Frequency
FREQUENCY – Hz
100
50
10
1k
10k
1M
70
55
60
65
75
80
85
90
95
100
100k
TPC 5. Common-Mode Rejection vs. Frequency
FREQUENCY – Hz
100
0
10
40
10
20
30
50
60
70
80
90
100
10k
1k
100k
TPC 6. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com