Electronic Components Datasheet Search
  English  ▼

X  

AD820AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD820AR
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820AR Datasheet(HTML) 5 Page - Analog Devices

  AD820AR Datasheet HTML 1Page - Analog Devices AD820AR Datasheet HTML 2Page - Analog Devices AD820AR Datasheet HTML 3Page - Analog Devices AD820AR Datasheet HTML 4Page - Analog Devices AD820AR Datasheet HTML 5Page - Analog Devices AD820AR Datasheet HTML 6Page - Analog Devices AD820AR Datasheet HTML 7Page - Analog Devices AD820AR Datasheet HTML 8Page - Analog Devices AD820AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
(VS = 0, 3 volts @ TA = +25 C, VCM = 0 V, VOUT = 0.2 V unless otherwise noted)
AD820A-3V
Parameter
Conditions
Min
Typ
Max
Units
DC PERFORMANCE
Initial Offset
0.2
1
mV
Max Offset over Temperature
0.5
1.5
mV
Offset Drift
1
µV/°C
Input Bias Current
VCM = 0 V to +2 V
2
25
pA
at TMAX
0.5
5
nA
Input Offset Current
220
pA
at TMAX
0.5
nA
Open-Loop Gain
VO = 0.2 V to 2 V
RL = 100k
300
1000
V/mV
TMIN to TMAX
400
V/mV
RL = 10k
60
150
V/mV
TMIN to TMAX
80
V/mV
RL = 1k
10
30
V/mV
TMIN to TMAX
8
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
0.1 Hz to 10 Hz
2
µV p-p
f = 10 Hz
25
nV/
√Hz
f = 100 Hz
21
nV/
√Hz
f = 1 kHz
16
nV/
√Hz
f = 10 kHz
13
nV/
√Hz
Input Current Noise
0.1 Hz to 10 Hz
18
fA p-p
f = 1 kHz
0.8
fA/
√Hz
Harmonic Distortion
RL = 10k to 1.5 V
f = 10 kHz
VO = ± 1.25 V
–92
dB
DYNAMIC PERFORMANCE
Unity Gain Frequency
1.5
MHz
Full Power Response
VO p-p = 2.5 V
240
kHz
Slew Rate
3V/
µs
Settling Time
to 0.1%
V
O = 0.2 V to 2.5 V
1
µs
to 0.01%
1.4
µs
INPUT CHARACTERISTICS
Common-Mode Voltage Range
1
–0.2
2
V
TMIN to TMAX
–0.2
2
V
CMRR
VCM = 0 V to +1 V
60
74
dB
TMIN to TMAX
60
dB
Input Impedance
Differential
10
13 0.5
Ω pF
Common Mode
10
13 2.8
Ω pF
OUTPUT CHARACTERISTICS
Output Saturation Voltage
2
VOL–VEE
ISINK = 20 µA5
7
mV
TMIN to TMAX
10
mV
VCC–VOH
ISOURCE = 20 µA10
14
mV
TMIN to TMAX
20
mV
VOL–VEE
ISINK = 2 mA
40
55
mV
TMIN to TMAX
80
mV
VCC–VOH
ISOURCE = 2 mA
80
110
mV
TMIN to TMAX
160
mV
VOL–VEE
ISINK = 10 mA
200
400
mV
TMIN to TMAX
400
mV
VCC–VOH
ISOURCE = 10 mA
500
1000
mV
TMIN to TMAX
1000
mV
Operating Output Current
15
mA
TMIN to TMAX
12
mA
Short Circuit Current
18
25
mA
TMIN to TMAX
15
mA
Capacitive Load Drive
350
pF
POWER SUPPLY
Quiescent Current
T
MIN to TMAX
620
800
µA
Power Supply Rejection
V
S+ = 3 V to 15 V
70
80
dB
T
MIN to TMAX
70
dB
AD820
REV. B
–5–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com