Electronic Components Datasheet Search
  English  ▼

X  

AD820AR Datasheet(PDF) 15 Page - Analog Devices

Part # AD820AR
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820AR Datasheet(HTML) 15 Page - Analog Devices

Back Button AD820AR Datasheet HTML 8Page - Analog Devices AD820AR Datasheet HTML 9Page - Analog Devices AD820AR Datasheet HTML 10Page - Analog Devices AD820AR Datasheet HTML 11Page - Analog Devices AD820AR Datasheet HTML 12Page - Analog Devices AD820AR Datasheet HTML 13Page - Analog Devices AD820AR Datasheet HTML 14Page - Analog Devices AD820AR Datasheet HTML 15Page - Analog Devices AD820AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD820
REV. B
–15–
R1
100k
AD820
2
3
6
FULL-WAVE
RECTIFIED OUTPUT
HALF-WAVE
RECTIFIED OUTPUT
R2
100k
A
C
B
AD820
0.01 F
+VS
VIN
3
2
4
7
6
A1
A2
0.01 F
+VS
7
4
A
B
C
Figure 44. Single Supply Half- and Full-Wave Rectifier
4.5 Volt Low Dropout, Low Power Reference
The rail-to-rail performance of the AD820 can be used to pro-
vide low dropout performance for low power reference circuits
powered with a single low voltage supply. Figure 45 shows a
4.5 volt reference using the AD820 and the AD680, a low power
2.5 volt bandgap reference. R2 and R3 set up the required gain
of 1.8 to develop the 4.5 volt output. R1 and C2 form a low-
pass RC filter to reduce the noise contribution of the AD680.
2
3
4
R2
80k
(20k )
U1
AD680
REF
COMMON
+4.5V
OUTPUT
+2.5V
OUTPUT
R3
100k
(25k )
C3
10 F/25V
3
6
7
2
C1
0.1 F
C2
0.1 F FILM
U2
AD820
+5V
+2.5V
10mV
6
R1
100k
4
Figure 45. Single Supply 4.5 Volt Low Dropout Reference
With a 1 mA load, this reference maintains the 4.5 volt output
with a supply voltage down to 4.7 volts. The amplitude of the
recovery transient for a 1 mA to 10 mA step change in load
current is under 20 mV, and settles out in a few microseconds.
Output voltage noise is less than 10
µV rms in a 25 kHz noise
bandwidth.
Low Power Three-Pole Sallen Key Low-Pass Filter
The AD820’s high input impedance makes it a good selection
for active filters. High value resistors can be used to construct
low frequency filters with capacitors much less than 1
µF. The
AD820’s picoamp level input currents contribute minimal dc
errors.
Figure 46 shows an example, a 10 Hz three-pole Sallen Key
Filter. The high value used for R1 minimizes interaction with
signal source resistance. Pole placement in this version of the
filter minimizes the Q associated with the two-pole section of
the filter. This eliminates any peaking of the noise contribution
of resistors R1, R2, and R3, thus minimizing the inherent out-
put voltage noise of the filter.
FREQUENCY – Hz
0.1
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
1
10
100
1k
C2
0.022 F
VOUT
0.01 F
+VS
VIN
0.01 F
–VS
3
2
4
7
6
AD820
R1
243k
C3
0.022 F
C1
0.022 F
R2
243k
R3
243k
Figure 46. 10 Hz Sallen Key Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com