Electronic Components Datasheet Search
  English  ▼

X  

AD822AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD822AR
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD822AR Datasheet HTML 6Page - Analog Devices AD822AR Datasheet HTML 7Page - Analog Devices AD822AR Datasheet HTML 8Page - Analog Devices AD822AR Datasheet HTML 9Page - Analog Devices AD822AR Datasheet HTML 10Page - Analog Devices AD822AR Datasheet HTML 11Page - Analog Devices AD822AR Datasheet HTML 12Page - Analog Devices AD822AR Datasheet HTML 13Page - Analog Devices AD822AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1000
100
1
–60
–40
140
120
100
80
60
40
20
0
–20
10
TEMPERATURE –
°C
I
SOURCE
= 10mA
I
SINK
= 10mA
I
SOURCE
= 1mA
I
SINK
= 1mA
I
SOURCE
= 10
µA
I
SINK
= 10
µA
Figure 19. Output Saturation Voltage vs. Temperature
TEMPERATURE –
°C
80
0
140
20
10
–40
–60
40
30
50
60
70
120
100
80
60
40
20
0
–20
V
S
=
±15V
V
S
=
±15V
V
S
= 0V, 5V
V
S
= 0V, 3V
V
S
= 0V, 5V
V
S
= 0V, 3V
–OUT
+
–
–
+
+
Figure 20. Short Circuit Current Limit vs. Temperature
TOTAL SUPPLY VOLTAGE – Volts
1600
0
36
400
200
4
0
800
600
1000
1200
1400
30
28
24
20
16
12
8
T = +125
°C
T = +25
°C
T = –55
°C
Figure 21. Quiescent Current vs. Supply Voltage vs.
Temperature
FREQUENCY – Hz
60
0
10
100
10M
1M
100k
10k
1k
30
90
80
20
50
70
10
40
100
–PSRR
+PSRR
Figure 22. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
30
15
0
10k
100k
10M
1M
10
5
20
25
V
S
=
±15V
V
S
= 0V, 5V
V
S
= 0V ,3V
RL = 2k
Figure 23. Large Signal Frequency Response
2.4
0.4
1.0
0.6
–40
0.8
–60
1.6
1.2
1.4
1.8
2.0
2.2
140
120
100
80
60
40
0
–20
20
AMBIENT TEMPERATURE –
°C
8-PIN CERDIP
(HERMETIC)
8-PIN MINI-DIP
(PLASTIC)
8-PIN SOIC
(PLASTIC)
(PLASTIC) T
JMAX = 145 °C
(HERMETIC) T
JMAX = 175°C
Figure 24. Maximum Power Dissipation vs. Temperature
for Plastic and Hermetic Packages
AD822–Typical Characteristics
REV. A
–10–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com