Electronic Components Datasheet Search
  English  ▼

X  

AD822AR Datasheet(PDF) 16 Page - Analog Devices

Part # AD822AR
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822AR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD822AR Datasheet HTML 8Page - Analog Devices AD822AR Datasheet HTML 9Page - Analog Devices AD822AR Datasheet HTML 10Page - Analog Devices AD822AR Datasheet HTML 11Page - Analog Devices AD822AR Datasheet HTML 12Page - Analog Devices AD822AR Datasheet HTML 13Page - Analog Devices AD822AR Datasheet HTML 14Page - Analog Devices AD822AR Datasheet HTML 15Page - Analog Devices AD822AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
–16–
AD822
REV. A
MYLAR
1µF
1/2
AD822
L
R
HEADPHONES
32
Ω IMPEDANCE
4.99k
MYLAR
1µF
4.99k
1/2
AD822
10k
10k
47.5k
95.3k
47.5k
500µF
500µF
1
1
3
+3V
2
4
7
5
6
95.3k
8
0.1µF
0.1µF
CHANNEL 1
CHANNEL 2
Low Dropout Bipolar Bridge Driver
The AD822 can be used for driving a 350 ohm Wheatstone
bridge. Figure 47 shows one half of the AD822 being used to
buffer the AD589—a 1.235 V low power reference. The output
of +4.5 V can be used to drive an A/D converter front end. The
other half of the AD822 is configured as a unity-gain inverter,
and generates the other bridge input of –4.5 V. Resistors R1 and
R2 provide a constant current for bridge excitation. The AD620
low power instrumentation amplifier is used to condition the
differential output voltage of the bridge. The gain of the AD620
is programmed using an external resistor RG, and determined
by:
G
=
49.4 k
Ω
R
G
+ 1
350
Ω
350
Ω
350
Ω
350
Ω
VREF
–VS
+VS
AD620
4
2
6
5
7
3
RG
R2
20
Ω
–4.5V
10k
10k
10k
26.4k, 1%
R1
20
Ω
TO A/D CONVERTER
REFERENCE INPUT
AD589
49.9k
+1.235V
0.1µF
1µF
+5V
1µF
GND
1%
1%
1%
1/2
AD822
1
1
3
2
8
1/2
AD822
4
7
6
5
+VS
+VS
+VS
–VS
0.1µF
–5V
Figure 47. Low Dropout Bipolar Bridge Driver
Figure 46. 3 Volt Single Supply Stereo Headphone Driver
3 Volt, Single Supply Stereo Headphone Driver
The AD822 exhibits good current drive and THD+N perfor-
mance, even at 3 V single supplies. At 1 kHz, total harmonic
distortion plus noise (THD+N) equals –62 dB (0.079%) for a
300 mV p-p output signal. This is comparable to other single
supply op amps which consume more power and cannot run on
3 V power supplies.
In Figure 46, each channel s input signal is coupled via a 1
µF
Mylar capacitor. Resistor dividers set the dc voltage at the non-
inverting inputs so that the output voltage is midway between
the power supplies (+1.5 V). The gain is 1.5. Each half of the
AD822 can then be used to drive a headphone channel. A 5 Hz
high-pass filter is realized by the 500
µF capacitors and the head-
phones, which can be modeled as 32 ohm load resistors to
ground. This ensures that all signals in the audio frequency
range (20 Hz–20 kHz) are delivered to the headphones.
Cerdip (Q) Package
0.005 (0.13) MIN
0.055 (1.35) MAX
0.405 (10.29) MAX
0.150
(3.81)
MIN
0.200
(5.08)
MAX
0.070 (1.78)
0.030 (0.76)
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.100 (2.54)
BSC
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
4
1
5
8
0.310 (7.87)
0.220 (5.59)
0.320 (8.13)
0.290 (7.37)
0
°-15°
0.015 (0.38)
0.008 (0.20)
SOIC (R) Package
0.019 (0.48)
0.014 (0.36)
0.050
(1.27)
BSC
0.102 (2.59)
0.094 (2.39)
0.197 (5.01)
0.189 (4.80)
0.010 (0.25)
0.004 (0.10)
0.098 (0.2482)
0.075 (0.1905)
0.190 (4.82)
0.170 (4.32)
0.030 (0.76)
0.018 (0.46)
10
°
0
°
0.090
(2.29)
8
°
0
°
0.020 (0.051) x 45
°
CHAMF
1
8
5
4
PIN 1
0.157 (3.99)
0.150 (3.81)
0.244 (6.20)
0.228 (5.79)
0.150 (3.81)
Mini-DIP (N) Package
0.011
±0.003
(0.28
±0.08)
0.30 (7.62)
REF
15
°
0
°
PIN 1
4
5
8
1
0.25
(6.35)
0.31
(7.87)
0.10
(2.54)
BSC
SEATING
PLANE
0.035
±0.01
(0.89
±0.25)
0.18
±0.03
(4.57
±0.76)
0.033
(0.84)
NOM
0.018
±0.003
(0.46
±0.08)
0.125
(3.18)
MIN
0.165
±0.01
(4.19
±0.25)
0.39 (9.91) MAX
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com