Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 6 Page - Analog Devices

Part # AD825
Description  Low Cost, General Purpose High Speed JFET Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD825 Datasheet HTML 2Page - Analog Devices AD825 Datasheet HTML 3Page - Analog Devices AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices AD825 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD825
–6–
REV. C
LOAD RESISTANCE –
80
75
60
100
10k
1k
70
65
VS = 15V
VS = 5V
Figure 9. Open-Loop Gain vs. Load Resistance
FREQUENCY – Hz
10k
10M
100k
1M
10
0
–90
–10
–20
–30
–40
–50
–60
–70
–80
–PSRR
+PSRR
Figure 10. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
10
10M
1k
100k
130
120
30
110
100
90
80
70
60
50
40
100
10k
1M
VS = 15
VS = 5
Figure 11. Common-Mode Rejection vs. Frequency
FREQUENCY – Hz
30
20
0
10k
100k
1M
10M
10
RL = 1k
RL = 150
Figure 12. Large Signal Frequency Response; G = +2
OUTPUT SWING – 0 to
V
200
80
0
10
–10
8
6
4
2
0
–2
–4
–6
–8
180
100
60
20
140
120
40
160
0.01%
0.1%
0.01%
0.1%
Figure 13. Output Swing and Error vs. Settling Time
FREQUENCY – Hz
–50
–55
–85
100k
10M
1M
–60
–65
–70
–75
–80
2nd
3rd
Figure 14. Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com