Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 7 Page - Analog Devices

Part # AD825
Description  Low Cost, General Purpose High Speed JFET Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD825 Datasheet HTML 3Page - Analog Devices AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices AD825 Datasheet HTML 10Page - Analog Devices AD825 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD825
–7–
REV. C
TEMPERATURE – C
100
–60
140
–40
–20
0
20
40
80
100
120
80
20
0
60
40
120
140
160
5V
15V
60
Figure 15. Slew Rate vs. Temperature
1k
100k
10M
10k
1M
VOUT
VIN
VS
0.1dB FLATNESS
5V
10MHz
15V
21MHz
FREQUENCY – Hz
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Figure 16. Closed-Loop Gain vs. Frequency, Gain = +1
1k
100k
10M
10k
1M
VOUT
VIN
VS
0.1dB FLATNESS
5V
7.7MHz
15V
9.8MHz
1k
1k
FREQUENCY – Hz
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Figure 17. Closed-Loop Gain vs. Frequency, Gain = –1
+VS
TEKTRONIX
P6204 FET
PROBE
HP
PULSE (LS)
OR FUNCTION
(SS)
GENERATOR
50
RL
VOUT
0.01 F
10 F
–VS
VIN
TEKTRONIX
7A24
PREAMP
0.01 F
10 F
AD825
Figure 18. Noninverting Amplifier Connection
Figure 19. Noninverting Large Signal Pulse
Response, RL = 1 kΩ
Figure 20. Noninverting Small Signal Pulse
Response, RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com