Electronic Components Datasheet Search
  English  ▼

X  

AD828 Datasheet(PDF) 9 Page - Analog Devices

Part # AD828
Description  Dual, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD828 Datasheet HTML 4Page - Analog Devices AD828 Datasheet HTML 5Page - Analog Devices AD828 Datasheet HTML 6Page - Analog Devices AD828 Datasheet HTML 7Page - Analog Devices AD828 Datasheet HTML 8Page - Analog Devices AD828 Datasheet HTML 9Page - Analog Devices AD828 Datasheet HTML 10Page - Analog Devices AD828 Datasheet HTML 11Page - Analog Devices AD828 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD828
REV. B
–9–
8
3
+VS
1
TEKTRONIX
P6201 FET
PROBE
HP PULSE (LS)
OR FUNCTION
(SS)
GENERATOR
1/2
AD828
100
50
1k
3.3 F
0.01 F
RL
VOUT
3.3 F
–VS
VIN
TEKTRONIX
7A24
PREAMP
0.01 F
4
CF
1k
2
Figure 34. Noninverting Amplifier Connection
10
90
0%
100
50ns
2V
1V
Figure 35. Noninverting Large Signal Pulse Response
±5 VS, CF = 1 pF, RL = 1 k
Ω
10
90
0%
100
200mV
100mV
10ns
Figure 36. Noninverting Small Signal Pulse Response
±5 VS, CF = 1 pF, RL = 150
Ω
10
90
0%
100
50ns
5V
5V
Figure 37. Noninverting Large Signal Pulse Response
±15 VS, CF = 1 pF, RL = 1 k
Ω
10
90
0%
100
200mV
100mV
10ns
Figure 38. Noninverting Small Signal Pulse Response
±15 VS, CF = 1 pF, RL = 150
Ω
10
90
0%
100
200mV
100mV
10ns
Figure 39. Noninverting Small Signal Pulse Response
±5 VS, CF = 0 pF, RL = 150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com