Electronic Components Datasheet Search
  English  ▼

X  

AD828 Datasheet(PDF) 12 Page - Analog Devices

Part # AD828
Description  Dual, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD828 Datasheet HTML 4Page - Analog Devices AD828 Datasheet HTML 5Page - Analog Devices AD828 Datasheet HTML 6Page - Analog Devices AD828 Datasheet HTML 7Page - Analog Devices AD828 Datasheet HTML 8Page - Analog Devices AD828 Datasheet HTML 9Page - Analog Devices AD828 Datasheet HTML 10Page - Analog Devices AD828 Datasheet HTML 11Page - Analog Devices AD828 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD828
REV. B
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic Mini-DIP (N) Package
0.011
0.003
(0.28
0.08)
0.30 (7.62)
REF
15
°
0
°
PIN 1
4
5
8
1
0.25
(6.35)
0.31
(7.87)
0.10
(2.54)
BSC
SEATING
PLANE
0.035
0.01
(0.89
0.25)
0.18
0.03
(4.57
0.76)
0.033
(0.84)
NOM
0.018
0.003
(0.46
0.08)
0.125
(3.18)
MIN
0.165
0.01
(4.19
0.25)
0.39 (9.91) MAX
8-Lead SO (R) Package
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
LOW DISTORTION LINE DRIVER
The AD828 can quickly be turned into a powerful, low distor-
tion line driver (see Figure 46). In this arrangement the AD828
can comfortably drive a 75
Ω back-terminated cable, with a
5 MHz, 2 V p-p input; all of this while achieving the harmonic
distortion performance outlined in the following table.
Configuration
2nd Harmonic
1. No Load
–78.5 dBm
2. 150
Ω RL Only
–63.8 dBm
3. 150
Ω RL 7.5 Ω RC
–70.4 dBm
In this application one half of the AD828 operates at a gain of
2.1 and supplies the current to the load, while the other pro-
vides the overall system gain of 2. This is important for two
reasons: the first is to keep the bandwidth of both amplifiers the
same, and the second is to preserve the AD828’s ability to oper-
ate from low supply voltage. RC varies with the load and must
be chosen to satisfy the following equation:
RC = MRL,
where M is defined by [(M + 1) GS = GD] and GD = Driver's
Gain, GS = System Gain.
+VS
1.1k
RL
RC
7.5
75
75
75
0.1 F
1/2
AD828
3
2
1
8
1 F
1k
–VS
1k
VIN
1/2
AD828
6
5
7
1k
0.1 F
1 F
4
Figure 46. Low Distortion Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com