Electronic Components Datasheet Search
  English  ▼

X  

AD831 Datasheet(PDF) 7 Page - Analog Devices

Part # AD831
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD831 Datasheet HTML 3Page - Analog Devices AD831 Datasheet HTML 4Page - Analog Devices AD831 Datasheet HTML 5Page - Analog Devices AD831 Datasheet HTML 6Page - Analog Devices AD831 Datasheet HTML 7Page - Analog Devices AD831 Datasheet HTML 8Page - Analog Devices AD831 Datasheet HTML 9Page - Analog Devices AD831 Datasheet HTML 10Page - Analog Devices AD831 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD831
REV. B
–7–
THEORY OF OPERATION
The AD831 consists of a mixer core, a limiting amplifier, a low
noise output amplifier, and a bias circuit (Figure 17).
The mixer’s RF input is converted into differential currents by a
highly linear, Class A voltage-to-current converter, formed by
transistors Q1, Q2 and resistors R1, R2. The resulting currents
drive the differential pairs Q3, Q4 and Q5, Q6. The LO input is
through a high gain, low noise limiting amplifier that converts
the –10 dBm LO input into a square wave. This square wave
drives the differential pairs Q3, Q4 and Q5, Q6 and produces a
high level output at IFP and IFN—consisting of the sum and
difference frequencies of the RF and LO inputs—and a series of
lower level outputs caused by odd harmonics of the LO fre-
quency mixing with the RF input.
An on-chip network supplies the bias current to the RF and LO
inputs when these are ac coupled; this network is disabled when
the AD831 is dc coupled.
When the integral output amplifier is used, pins IFN and IFP
are connected directly to pins AFN and AFP; the on-chip load
resistors convert the output current into a voltage that drives the
output amplifier. The ratio of these load resistors to resistors
R1, R2 provides nominal unity gain (0 dB) from RF to IF. The
expression for the gain, in decibels, is
GdB = 20 log10
4
π


1
2


π
2


Equation 1
where
4
π
is the amplitude of the fundamental component of a square wave
1
2
is the conversion loss
π
2
is the small signal dc gain of the AD831 when the LO input
is driven fully positive or negative.
20
2
Q3
R5
1k
Ω
LIMITING
AMPLIFIER
16
AO
17
CURRENT
MIRROR
VP
50
Ω
50
Ω
20
Ω
20
Ω
BIAS
18mA TYP
IFN
AN
AP
IFP
19
3
18mA TYP
5k
Ω
5k
Ω
Q1
Q2
Q5
Q6
Q4
R4
1k
Ω
R1
20
Ω
R2
20
Ω
R3
26
Ω
Q7
BIAS
36
Ω
50
Ω
50
Ω
18
OUT
VFB
COM
12mA TYP
36mA TYP
27mA TYP
LOP
LON
RFP
RFN
VP
BIAS
VN
LOCAL
OSCILLATOR
INPUT
RF
INPUT
1
10
11
6
7
BIAS
CURRENT
Figure 17. Simplified Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com