Electronic Components Datasheet Search
  English  ▼

X  

AD831 Datasheet(PDF) 11 Page - Analog Devices

Part # AD831
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD831 Datasheet HTML 7Page - Analog Devices AD831 Datasheet HTML 8Page - Analog Devices AD831 Datasheet HTML 9Page - Analog Devices AD831 Datasheet HTML 10Page - Analog Devices AD831 Datasheet HTML 11Page - Analog Devices AD831 Datasheet HTML 12Page - Analog Devices AD831 Datasheet HTML 13Page - Analog Devices AD831 Datasheet HTML 14Page - Analog Devices AD831 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD831
REV. B
–11–
Single Supply Operation
Figure 26 is similar to the dual supply circuit in Figure 19. Sup-
plies may be as low as 9 V but should not be higher than
11 V due to power dissipation. As in Figure 19, both the RF
and LO ports are driven single-ended and terminated.
In single supply operation, the COM terminal is the “ground”
reference for the output amplifier and must be biased to 1/2 the
supply voltage, which is done by resistors R1 and R2. The OUT
pin must be ac-coupled to the load.
R1
110
Ω
IF
OUTPUT
RT
NC
0.1µF
0.1µF
+9V
51.1
Ω
0.1µF
+9V
0.1µF
C2
L1
C1
RF
INPUT
82pF
82pF
0.1µF
+9V
LO INPUT
–10 dBm
5k
Ω
5k
Ω
+5V
R2
51.1
Ω
CC
0.1µF
0.1µF
IFN
VP
IFP
AP
GND
VN
RFP
RFN
VN
VP
LON
LOP
VP
GND
BIAS
VN
AD831
Top View
50
Ω
50
Ω
6
7
8
4
5
9
10
11
12
13
AN
VFB
COM
OUT
14
15
16
17
18
1
2
3
19
20
Figure 26. Connections for +9 V Single-Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com