Electronic Components Datasheet Search
  English  ▼

X  

AD831AP Datasheet(PDF) 5 Page - Analog Devices

Part # AD831AP
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831AP Datasheet(HTML) 5 Page - Analog Devices

  AD831AP Datasheet HTML 1Page - Analog Devices AD831AP Datasheet HTML 2Page - Analog Devices AD831AP Datasheet HTML 3Page - Analog Devices AD831AP Datasheet HTML 4Page - Analog Devices AD831AP Datasheet HTML 5Page - Analog Devices AD831AP Datasheet HTML 6Page - Analog Devices AD831AP Datasheet HTML 7Page - Analog Devices AD831AP Datasheet HTML 8Page - Analog Devices AD831AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD831
REV. B
–5–
FREQUENCY – MHz
12
10
0
10
1000
100
8
6
4
2
Figure 7. 1 dB Compression Point vs. Frequency, Gain = 1
FREQUENCY – MHz
12
10
0
10
1000
100
8
6
4
2
Figure 8. 1 dB Compression Point vs. RF Input, Gain = 2
FREQUENCY – MHz
25
22
10
19
16
13
100
350
250
150
200
300
MIXER PLUS AMPLIFIER,
G = 1
MIXER OUTPUT
TRANSFORMER
COUPLED PER FIGURE 18
Figure 9. Third-Order Intercept vs. Frequency , LO Held
Constant at 241 MHz
FREQUENCY – MHz
1.00
0.50
–1.00
0.00
–0.25
–0.75
0.75
0.25
–0.50
10
1000
100
Figure 10. Gain Error vs. Frequency, Gain = 1
FREQUENCY – MHz
9
8
0
7
6
5
1
4
3
2
10
1000
100
Figure 11. 1 dB Compression Point vs. Frequency, Gain = 4
FREQUENCY – MHz
11
10
7
0
600
100
200
300
400
500
9
8
LO LEVEL = –10dBm
IF = 10.7MHz
VS = 8V
VS = 9V
Figure 12. Input 1 dB Compression Point vs. Frequency,
Gain = 1, 9 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com