Electronic Components Datasheet Search
  English  ▼

X  

AD831AP Datasheet(PDF) 15 Page - Analog Devices

Part # AD831AP
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831AP Datasheet(HTML) 15 Page - Analog Devices

Back Button AD831AP Datasheet HTML 8Page - Analog Devices AD831AP Datasheet HTML 9Page - Analog Devices AD831AP Datasheet HTML 10Page - Analog Devices AD831AP Datasheet HTML 11Page - Analog Devices AD831AP Datasheet HTML 12Page - Analog Devices AD831AP Datasheet HTML 13Page - Analog Devices AD831AP Datasheet HTML 14Page - Analog Devices AD831AP Datasheet HTML 15Page - Analog Devices AD831AP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD831
REV. B
–15–
–5V
+5V
MCL
ZFSC-2-1
COMBINER
LO
50
Ω
∑
AD831
PER
FIGURE 25
HP 6632A
PROGRAMMABLE
POWER SUPPLY
HP 6632A
PROGRAMMABLE
POWER SUPPLY
HP 9920
IEEE CONTROLLER
HP 9121
DISK DRIVE
FLUKE 6082A
SYNTHESIZED
SIGNAL GENERATOR
HP 8561E
SPECTRUM
ANALYZER
IEEE-488 BUS
HP 8656B
SYNTHESIZED
SIGNAL GENERATOR
HP 8656A
SYNTHESIZED
SIGNAL GENERATOR
Figure 28. Third-Order Intercept Characterization Setup
–5V
+5V
LO
50
Ω
AD831
PER
FIGURE 25
HP 8656B
SYNTHESIZED
SIGNAL GENERATOR
MCL
ZFSC-2-1
HP 8656B
SYNTHESIZED
SIGNAL GENERATOR
RF
IF
50
Ω
HP 6632A
PROGRAMMABLE
POWER SUPPLY
HP 6632A
PROGRAMMABLE
POWER SUPPLY
50
Ω
50
Ω
USED FOR
IF TO RF, LO
LO TO RF
MOVE SPECTRUM
ANALYZER FOR IF
MEASUREMENTS
MCL
ZFSC-2-1
HP 8656B
SYNTHESIZED
SIGNAL GENERATOR
HP 8561E
SPECTRUM
ANALYZER
Figure 29. IF to RF Isolation Characterization Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com