Electronic Components Datasheet Search
  English  ▼

X  

AD8314ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8314ARM
Description  100 MHz-2500 MHz 45 dB RF Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8314ARM Datasheet HTML 2Page - Analog Devices AD8314ARM Datasheet HTML 3Page - Analog Devices AD8314ARM Datasheet HTML 4Page - Analog Devices AD8314ARM Datasheet HTML 5Page - Analog Devices AD8314ARM Datasheet HTML 6Page - Analog Devices AD8314ARM Datasheet HTML 7Page - Analog Devices AD8314ARM Datasheet HTML 8Page - Analog Devices AD8314ARM Datasheet HTML 9Page - Analog Devices AD8314ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8314
–6–
REV. 0
1 s PER
HORIZONTAL
DIVISION
VDN
VUP
VENBL
5V PER VERTICAL DIVISION
VDN GND
VUP GND
VENBL GND
500mV/VERT. DIV.
500mV/VERT. DIV.
AVERAGE: 128 SAMPLES
Figure 13. ENBL Response Time
1
2
3
4
ENBL
RFIN
AD8314
RF OUT
TEK
TDS784C
SCOPE
TRIG
OUT
HP8116A
PULSE
GENERATOR
10MHz REF OUTPUT
EXT TRIG
NC = NO CONNECT
0.1 F
NC
8
7
6
5
VSET
FLTR
V DN
VPOS
COMM
V UP
TEK P6204
FET PROBE
TEK P6204
FET PROBE
3.0V
PULSE OUT
TRIG
52.3
–33dBV
HP8648B
SIGNAL
GENERATOR
Figure 14. Test Setup for ENBL Response Time
FREQUENCY – Hz
80
10
0
75
–10
70
–20
65
–30
60
–40
55
–50
50
–60
45
–70
40
–80
35
–90
30
–100
25
–110
20
–120
15
–130
10
–140
5
–150
0
–160
–5
–170
100
1k
10k
100k
1M
10M
Figure 15. AC Response from VSET to V_DN
200mV PER
VERTICAL
DIVISION
100ns PER
HORIZONTAL
DIVISION
RF INPUT
AVERAGE: 128 SAMPLES
PULSED RF
0.1GHz, –13dBV
GND
GND
VUP 500mV/
VERT. DIV.
1V/VERT. DIV.
VDN
Figure 16. VUP and VDN Response Time, –40 dBm to 0 dBm
1
2
3
4
ENBL
RFIN
AD8314
RF OUT
TEK
TDS784C
SCOPE
TRIG
OUT
PICOSECOND
PULSE LABS
PULSE
GENERATOR
HP8648B
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
10MHz REF OUTPUT
EXT TRIG
NC = NO CONNECT
0.1 F
NC
8
7
6
5
VSET
FLTR
V DN
VPOS
COMM
V UP
TEK P6204
FET PROBE
TEK P6204
FET PROBE
3.0V
TRIG
52.3
OUT
PULSE MODE IN
–3dB
3.0V
RF
SPLITTER
TEK P6204
FET PROBE
–3dB
Figure 17. Test Setup for Pulse Response
FREQUENCY – Hz
10.0
0.1
100
1.0
1k
10k
100k
1M
10M
–60dBm
–40dBm
–30dBm
–20dBm
RF INPUT
–70dBm
–50dBm
Figure 18. VDN Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com