Electronic Components Datasheet Search
  English  ▼

X  

AD8314ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8314ARM
Description  100 MHz-2500 MHz 45 dB RF Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8314ARM Datasheet HTML 8Page - Analog Devices AD8314ARM Datasheet HTML 9Page - Analog Devices AD8314ARM Datasheet HTML 10Page - Analog Devices AD8314ARM Datasheet HTML 11Page - Analog Devices AD8314ARM Datasheet HTML 12Page - Analog Devices AD8314ARM Datasheet HTML 13Page - Analog Devices AD8314ARM Datasheet HTML 14Page - Analog Devices AD8314ARM Datasheet HTML 15Page - Analog Devices AD8314ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8314
–15–
REV. 0
Table IV. Evaluation Boards Configuration Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins
Not Applicable
SW1
Device Enable: When in position A, the ENBL
SW1 = A
pin is connected to +VS and the AD8314 is in
operating mode. In Position B, the ENBL pin is
grounded, putting the device in power-down mode.
R1, R2
Input Interface: The 52.3
Ω resistor in position
R2 = 52.3
Ω (Size 0603)
R2 combines with the AD8314’s internal input
R1 = 0
Ω (Size 0402)
impedance to give a broadband input impedance
of around 50
Ω. A reactive match can be imple-
mented by replacing R2 with an inductor and
R1 (0
Ω) with a capacitor. Note that the AD8314’s
RF input is internally ac-coupled.
R3, R4, C2, R5, R6, C3
Output Interface: R4, C2, R6, and C3 can be
R4 = C2 = R6 = C3 = Open (Size 0603)
used to check the response of V_UP and V_DN
R3 = R5 = 0
Ω (Size 0603)
to capacitive and resistive loading. R3/R4 and
R5/R6 can be used to reduce the slope of V_UP
and V_DN.
C1, R9
Power Supply Decoupling: The nominal supply
C1 = 0.1
µF (Size 0603)
decoupling consists of a 0.1
µF capacitor (C1). A
R9 = 0
Ω (Size 0603)
series inductor or small resistor can be placed in
R9 for additional decoupling.
C4
Filter Capacitor: The response time of V_UP
C4 = Open (Size 0603)
and V_DN can be modified by placing a capacitor
between FLTR (pin 4) and V_UP.
R7, R8
Slope Adjust: By installing resistors in R7 and R8,
R7 = 0
Ω (Size 0603)
the nominal slope of 20 mV/dB can be increased.
R8 = Open (Size 0603)
See Slope Adjust discussion for more details.
LK1
Measurement/Controller Mode: LK1 shorts
LK1 = Installed
V_UP to VSET, placing the AD8314 in
measurement mode. Removing LK1 places
the AD8314 in controller mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com