Electronic Components Datasheet Search
  English  ▼

X  

AD8326 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8326
Description  High Output Power Programmable CATV Line Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8326 Datasheet HTML 4Page - Analog Devices AD8326 Datasheet HTML 5Page - Analog Devices AD8326 Datasheet HTML 6Page - Analog Devices AD8326 Datasheet HTML 7Page - Analog Devices AD8326 Datasheet HTML 8Page - Analog Devices AD8326 Datasheet HTML 9Page - Analog Devices AD8326 Datasheet HTML 10Page - Analog Devices AD8326 Datasheet HTML 11Page - Analog Devices AD8326 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
AD8326
–8–
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
9
18
27
36
45
54
63
72
GAIN CODE – Decimal
VS = 12V
f = 42MHz
PO = 67dBmV @ MAX GAIN
HD3
HD2
TPC 6. Harmonic Distortion vs. Gain Code for
AD8326-ARP
–50
–55
–60
–65
–70
–75
–80
–85
–90
5
15
25
35
45
55
65
FREQUENCY – MHz
VO = 68dBmV @ MAX GAIN
VO = 69dBmV @ MAX GAIN
VO = 67dBmV @ MAX GAIN
VO = 65dBmV @ MAX GAIN
VS = 12V(ARP)
TPC 7. Second Order Harmonic Distortion vs. Frequency
for Various Output Powers
–35
–40
–45
–50
–55
–60
–65
–70
–75
5
15
25
35
45
55
65
VS = +12V(ARP)
VO = 69dBmV @ MAX GAIN
VO = 67dBmV @ MAX GAIN
VO = 65dBmV @ MAX GAIN
VO = 68dBmV @ MAX GAIN
FREQUENCY – MHz
TPC 8. Third Order Harmonic Distortion vs. Frequency
for Various Output Powers
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 21MHz
100kHz/
SPAN 1MHz
RBW 500Hz RF ATT 30dB
VBW 5kHz
SWT 20s UNIT dBm
CH PWR +12.27dBm
ACP UP –56.72dB
ACP LOW –56.71dB
TPC 9. Adjacent Channel Power for AD8326-ARP
190
180
170
160
150
140
130
120
110
1
10
100
1000
FREQUENCY – MHz
POWER-DOWN
POWER-UP
SLEEP
TPC 10. Input Impedance vs. Frequency (Inputs
Shunted with 165
Ω)
1000
100
10
1
0.1
1
10
100
1000
FREQUENCY – MHz
SLEEP
POWER-DOWN
POWER-UP
TPC 11. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com