Electronic Components Datasheet Search
  English  ▼

X  

AD8326 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8326
Description  High Output Power Programmable CATV Line Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8326 Datasheet HTML 10Page - Analog Devices AD8326 Datasheet HTML 11Page - Analog Devices AD8326 Datasheet HTML 12Page - Analog Devices AD8326 Datasheet HTML 13Page - Analog Devices AD8326 Datasheet HTML 14Page - Analog Devices AD8326 Datasheet HTML 15Page - Analog Devices AD8326 Datasheet HTML 16Page - Analog Devices AD8326 Datasheet HTML 17Page - Analog Devices AD8326 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. 0
AD8326
–14–
Running AD8326 Software
To load the control software, go to START, PROGRAMS,
CABDRIVE_26, or select the AD8326.exe from the installed
directory. Once loaded, select the proper parallel port to com-
municate with the AD8326 (Figure 9).
Figure 9. Parallel Port Selection
Controlling Gain/Attenuation of the AD8326
The slide bar controls the gain/attenuation of the AD8326,
which is displayed in dB and in V/V. The gain scales 0.75 dB
per LSB with valid codes from 0 to 71. The gain code from the
position of the slide bar is displayed in decimal, binary, and
hexadecimal (Figure 10).
Transmit Enable and Sleep Mode
The Transmit Enable and Transmit Disable buttons select the
mode of operation of the AD8326 by asserting logic levels on
the asynchronous TXEN pin. The Transmit Disable button
applies Logic 0 to the TXEN pin, disabling forward transmis-
sion while maintaining a 75
Ω back termination. The Transmit
Enable button applies Logic 1 to the TXEN pin, enabling the
AD8326 for forward transmission. Checking the “Enable SLEEP
Mode” checkbox applies logic “0” to the asynchronous
SLEEP
pin, setting the AD8326 for SLEEP mode.
Memory Functions
The MEMORY section of the software provides a way to alter-
nate between two gain settings. The “X->M1” button stores
the current value of the gain slide bar into memory while the
“RM1” button recalls the stored value, returning the gain slide
bar to the stored level. The same applies to the “X->M2” and
“RM2” buttons.
Figure 10. Control Software Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com