Electronic Components Datasheet Search
  English  ▼

X  

AD834 Datasheet(PDF) 2 Page - Analog Devices

Part # AD834
Description  500 MHz Four-Quadrant Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834 Datasheet(HTML) 2 Page - Analog Devices

  AD834 Datasheet HTML 1Page - Analog Devices AD834 Datasheet HTML 2Page - Analog Devices AD834 Datasheet HTML 3Page - Analog Devices AD834 Datasheet HTML 4Page - Analog Devices AD834 Datasheet HTML 5Page - Analog Devices AD834 Datasheet HTML 6Page - Analog Devices AD834 Datasheet HTML 7Page - Analog Devices AD834 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. C
–2–
AD834–SPECIFICATIONS (T
A = +25 C and
VS =
5 V, unless otherwise noted; dBm assumes 50
load.)
AD834J
AD834A, S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Units
MULTIPLIER PERFORMANCE
Transfer Function
W
=
XY
(1V )2
× 4 mA
W
=
XY
(1V )2
× 4 mA
Total Error
1 (Figure 6)
–1 V
≤ X, Y < +1 V
±0.5
2
±0.5
2
% FS
vs. Temperature
TMIN to TMAX
±1.5
3
% FS
vs. Supplies
2
±4 V to ±6 V
0.1
0.3
0.1
0.3
% FS/V
Linearity
3
±0.5
1
±0.5
1
% FS
Bandwidth
4
See Figure 5
500
500
MHz
Feedthrough, X
X =
±1 V, Y = Nulled
0.2
0.3
0.2
0.3
% FS
Feedthrough, Y
X = Nulled, Y =
±1 V
0.1
0.2
0.1
0.2
% FS
AC Feedthrough, X5
X = 0 dBm, Y = Nulled
f = 10 MHz
–65
–65
dB
f = 100 MHz
–50
–50
dB
AC Feedthrough, Y
5
X = Nulled, Y = 0 dBm
f = 10 MHz
–70
–70
dB
f = 100 MHz
–50
–50
dB
INPUTS (X1, X2, Y1, Y2)
Full-Scale Range
Differential
±1
±1V
Clipping Level
Differential
1.1
±1.3
1.1
±1.3
V
Input Resistance
Differential
25
25
k
Ω
Offset Voltage
0.5
3
0.5
3
mV
vs. Temperature
TMIN to TMAX
10
10
µV/°C
44
mV
vs. Supplies
2
±4 V to ±6 V
100
300
100
300
µV/V
Bias Current
45
45
µA
Common-Mode Rejection
f
≤ 100 kHz; 1 V p-p
70
70
dB
Nonlinearity, X
Y = 1 V; X =
±1 V
0.2
0.5
0.2
0.5
% FS
Nonlinearity, Y
X = 1 V; Y =
±1 V
0.1
0.3
0.1
0.3
% FS
Distortion, X
X = 0 dBm, Y = 1 V
f = 10 MHz
–60
–60
dB
f = 100 MHz
–44
–44
dB
Distortion, Y
X = 1 V, Y = 0 dBm
f = 10 MHz
–65
–65
dB
f = 100 MHz
–50
–50
dB
OUTPUTS (W1, W2)
Zero Signal Current
Each Output
8.5
8.5
mA
Differential Offset
X = 0, Y = 0
±20
60
±20
60
µA
vs. Temperature
TMIN to TMAX
40
40
nA/
°C
60
µA
Scaling Current
Differential
3.96
4
4.04
3.96
4
4.04
mA
Output Compliance
4.75
9
4.75
9
V
Noise Spectral Density
f = 10 Hz to 1 MHz
16
16
nV/
√Hz
Outputs into 50
Ω Load
POWER SUPPLIES
Operating Range
±4
±9
±4
±9V
Quiescent Current6
TMIN to TMAX
+VS
11
14
11
14
mA
–VS
28
35
28
35
mA
TEMPERATURE RANGE
Operating, Rated Performance
Commercial (0
°C to +70°C)
AD834J
Military (–55
°C to +125°C)
AD834S
Industrial (–40
°C to +85°C)
AD834A
PACKAGE OPTIONS
8-Pin SOIC (R)
AD834JR, REEL, REEL7
AD834AR
8-Pin Cerdip (Q)
AD834AQ, SQ/883B
8-Pin Plastic DIP (N)
AD834JN
NOTES
1Error is defined as the maximum deviation from the ideal output, and expressed as a percentage of the full-scale output.
2Both supplies taken simultaneously; sinusoidal input at f
≤ 10 kHz.
3Linearity is defined as residual error after compensating for input offset voltage, output offset current and scaling current errors.
4Bandwidth is guaranteed when configured in squarer mode. See Figure 5.
5Sine input; relative to full-scale output; zero input port nulled; represents feedthrough of the fundamental.
6Negative supply current is equal to the sum of positive supply current, the signal currents into each output, W1 and W2, and the input bias currents.
Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
Specifications subject to c
hange without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com