Electronic Components Datasheet Search
  English  ▼

X  

AD834 Datasheet(PDF) 3 Page - Analog Devices

Part # AD834
Description  500 MHz Four-Quadrant Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834 Datasheet(HTML) 3 Page - Analog Devices

  AD834 Datasheet HTML 1Page - Analog Devices AD834 Datasheet HTML 2Page - Analog Devices AD834 Datasheet HTML 3Page - Analog Devices AD834 Datasheet HTML 4Page - Analog Devices AD834 Datasheet HTML 5Page - Analog Devices AD834 Datasheet HTML 6Page - Analog Devices AD834 Datasheet HTML 7Page - Analog Devices AD834 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD834
REV. C
–3–
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (+VS to –VS) . . . . . . . . . . . . . . . . . . . . . . 18 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltages (X1, X2, Y1, Y2) . . . . . . . . . . . . . . . . . . . . +VS
Operating Temperature Range
AD834J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD834A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD834S/883B . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (R, N) . . . . . . . –65
°C to +125°C
Lead Temperature (Soldering 60 sec) . . . . . . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the devices. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
JC
JA
8-Pin Cerdip Package (Q)
30
°C/W
110
°C/W
8-Pin Plastic SOIC (R)
45
°C/W
165
°C/W
8-Pin Plastic Mini-DIP (N)
50
°C/W
99
°C/W
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD834JN
0
°C to +70°C
N-8
AD834JR
0
°C to +70°C
SO-8
AD834JR-REEL
0
°C to +70°C
SO-8
AD834JR-REEL7
0
°C to +70°C
SO-8
AD834AR
–40
°C to +85°C
SO-8
AD834AQ
–40
°C to +85°C
Q-8
AD834SQ/883B
–55
°C to +125°C
Q-8
AD834S CHIPS
–55
°C to +125°C
DIE
*N = Plastic DIP; Q = Cerdip; SO = Small Outline IC (SOIC) Package.
CONNECTION DIAGRAM
Small Outline (R) Package
Plastic DIP (N) Package
Cerdip (Q) Package
METALIZATION PHOTOGRAPH
CHIP DIMENSIONS AND BONDING DIAGRAM
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Small Outline (SO-8) Package
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
Cerdip (Q) Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com