Electronic Components Datasheet Search
  English  ▼

X  

80310 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 80310_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 10Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 11Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
80310
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Electrical parameters are tested at die level from 30 to 140 °C. Typical values noted reflect the approximate parameter mean
at TA = 25 °C under nominal conditions, unless otherwise noted. TJ from -40 to 150 °C, unless otherwise noted. Operation is
guaranteed by design up to TJ-TSD.
Characteristic
Symbol
Min
Typ
Max
Unit
Regulation Frequency
FREG
106
122
137
Hz
Phase Noise Rejection Filter
tLPH
–
12.5
–
μs
Fault Qualification Delay/Filter(14)
tFAULT
–
400
–
ms
Bus Signal Risetime (LIN)
From 20% to 80% of VBUS with VB+A = 18 V
tRISE
5.0
–
40
μs
Bus Signal Falltime (LIN)
From 20% to 80% of VBUS with VB+A = 18 V
tFALL
3.5
–
40
μs
Minimum Duty Cycle
DCMIN
–
4.1
–
%
Start-up Duty Cycle
DCSTARTUP
–
13.5
–
%
Delta LRC Duty Cycle
ΔLRC
–
3.125
–
%
Notes
14.
A fault has to be present for the entire time before it is considered valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com