Electronic Components Datasheet Search
  English  ▼

X  

80310 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  80310_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
80310
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Version Determined Electrical Parameters
Version
Self-
start
Self-start
Threshol
d (RPM)
Phase
sensitivity
(V)
Default
Regulati
on
Voltage
(V)
Fstart
(RPM)
Fstop
(RPM)
LRC
Rate(s)
LRC
disabl
e
(RPM)
Crest
Regulatio
n
BUS
inactivity
(s)
Default
LIN
Reado
ut
Thermal
Fault
Threshol
d (°C)
Thermal
Compensatio
n threshold
(°C)
Special
LIN
Feature
Alternat
or pole-
pair
Slave
Addres
s
Active/
Not
Active
3000/
4000
0.45/0.9/
1.35/1.8
13.5 to
15
(100 mV
steps)
800/
1050/
1300/
1550/
1800/
2050/
2300/
2500
500/
650/
850/
1000
0/3/
6.4/
12.3
2400/
3000/
4000/
Never
Active /
Not Active
1.31 / 3
T°/
Curren
t
135/145/
150/160
135/145/150/
160
Active/
Not
Active
6/8
A/B
Versions
TO3
Active
3000
0.45
14.3
800
500
3
3000
Not active
3
Curren
t
145
145
Active
6
A
Devices part numbers are dependant on programming from factory.
TC80310xHWS
Various configurations are available and are programmable by OTP at the Freescale factory. Please contact your Freescale sales representative
for further details, based on your system requirements, and solutions available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com