Electronic Components Datasheet Search
  English  ▼

X  

MMA9550LT Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA9550LT
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LT Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA9550LT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MMA955xL
Sensors
22
Freescale Semiconductor, Inc.
4.15
Slave SPI Timing
The following table describes the timing requirements for the SPI system. The “#” column refers to the numbered time period in
Figure 13.
Figure 13. SPI slave timing
Table 15. Slave SPI timing
#
Function
Symbol
Min
Max
Unit
—
Operating frequency
fop
0FOPH/4
Hz
1
SCLK period
tSCLK
4—
tCYCH
2
Enable lead time
tLead
0.5
—
tCYCH
3
Enable lag time
tLag
0.5
—
tCYCH
4
Clock (SCLK) high or low time
tWSCLK
200
—
ns
5
Data setup time (inputs)
tSU
15
—
ns
6
Data-hold time (inputs)
tHI
25
—
ns
7
Access time
ta
—25
ns
8
SDO-disable time
tdis
—25
ns
9
Data valid (after SCLK edge)
tv
—25
ns
10
Data-hold time (outputs)
tHO
0—
ns
11
Rise time
Input
Output
tRI
tRO
—
—
25
25
ns
ns
12
Fall time
Input
Output
tFI
tFO
—
—
25
25
ns
ns
SCLK
(INPUT)
SDI
(INPUT)
SDO
(OUTPUT)
SS
(INPUT)
MSB IN
BIT 6 . . . 1
LSB IN
MSB OUT
SLAVE LSB OUT
BIT 6 . . . 1
NOTE:
SLAVE
SEE
NOTE
1. Not defined but normally MSB of character just received.
12
1
<
11
3
4
24
7
5
6
9
8
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com