Electronic Components Datasheet Search
  English  ▼

X  

MMA9559LR1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA9559LR1
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9559LR1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA9559LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MMA955xL
Sensors
Freescale Semiconductor, Inc.
9
Figure 3. Package bottom view
Figure 4. Package overlaid on PCB footprint diagram (top view)
Package pad size
0.24mm x 0.35 mm
Pin 16
Pin 1 ID
Pin 1
Package size (Measurements in mm)
PCB land extension
From the edge of the package
PCB land pad
PCB pad distance
to package edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com