Electronic Components Datasheet Search
  English  ▼

X  

MMA9559LR1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA9559LR1
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9559LR1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA9559LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA9559LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
MMA955xL
Sensors
2
Freescale Semiconductor, Inc.
Software Features
This device can be programmed to provide any of the following:
• Orientation detection (portrait/landscape)
• High-g/Low-g threshold detection
• Pulse detection (single, double and directional tap)
• Tilt detection
• Auto wake/sleep
• Embedded, smart FIFO
• Power management
• Pedometer
A selection of the software features are included in the factory-programmed firmware for some devices. Users may add their own
features with user firmware.The power and flexibility of the embedded ColdFire V1 MCU core has new and unprecedented
capabilities.
Table 1. Ordering information
Part number
Firmware
Temperature range
Package description
Shipping
MMA9550LT
Motion
-40°C to +85°C
LGA-16
Tray
MMA9550LR1
Motion
-40°C to +85°C
LGA-16
Tape and reel
MMA9551LT
Gesture
-40°C to +85°C
LGA-16
Tray
MMA9551LR1
Gesture
-40°C to +85°C
LGA-16
Tape and reel
MMA9553LR1
Pedometer
-40°C to +85°C
LGA-16
Tape and reel
MMA 9559LR1
Foundation
-40°C to +85°C
LGA-16
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com